Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101GRI Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # IP101GRI
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GRI Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button IP101GRI Datasheet HTML 33Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 34Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 35Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 36Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 37Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 38Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 39Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 40Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
IP101G
Data Sheet
37/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
MII page4 register16
page
MII
ROM R/W
Description
Default
16[5]
R/W
(SC)
WOL_PLUS_MANUAL_SET
WOL+ Manual Set.
CPU/MAC can set high to sleep mode or wake up in slave
mode.
1=Manual set sleep/wake in WOL+ slave mode.
0=Disable.
0
16[4:0]
RO
Reserved
0x00
MII page5 register16
page
MII
ROM R/W
Description
Default
PHY WOL+ MAC Address Register
5
16[15:0]
R/W WOL_PLUS_MAC_ADDR
WOL+ MAC address table.
Continuously write/read this register 3 times to set/obtain
WOL+ Magic packet MAC address.
The sequence of MAC address is [31~16], [47~32] then [15~0].
0x0000
MII page17 register17
page
MII
ROM R/W
Description
Default
PHY WOL+ Status Register
17
17[15]
R/W WOL_PLUS_INTR_PIN_DIS
WOL+ interrupt pin disable.
Interrupt pin INTR is served to WOL+ event only, when this bit
set to 0 and not only enable WOL_PLUS_EN (Page4
Reg16[15]=1) but also INTR pin used (Page16 Reg17[15]=1).
INTR pin
used
(P16R17
[15])
WOL_PL
US_EN
(P4R16[
15])
WOL_PLUS_
INT_PIN_DI
S
(P17R17[15])
INTR pin function
0
X
X
Disable
1
0
0
1
X
1
Not including WOL+
interrupt status
1
1
0
Only for WOL+ interrupt
status
0
17
17[14:4]
RO
Reserved
0x000
17
17[3]
RO
(SC)
WOL_PLUS_INTR_STATUS
WOL+ interrupt status.
1=Interrupt event.
0=Normal (no any interrupt event).
0
17
17[2]
RO
WOL_PLUS_SLEEPING
WOL+ sleeping status.
This bit is a real-time status in WOL+ sleep mode.
1=IP101G is in WOL+ sleeping mode.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com