Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101GRI Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # IP101GRI
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GRI Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button IP101GRI Datasheet HTML 54Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 55Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 56Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 57Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 58Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 59Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 60Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 61Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 65 page
background image
IP101G
Data Sheet
7.4 AC Timing
7.4.1 Reset, Pin Latched-in, Clock and Power Source
Table 14 Reset, Pin Latched-in, Clock and Power Source Timing Requirements
Symbol
Description
Min.
Typ.
Max.
Unit
Tclk_lead
X1 input clock valid period before reset released
10
-
-
ms
Trst
Reset period
10
-
-
ms
Tclk_MII_rdy
MII/RMII clock output ready after reset released
(Pins settings are latched into IP101G this moment.)
-
-
10
ms
Tdiff
Time difference between AVDD33 and VDDIO,
DVDD_REGIN
-
-
30
ms
Tpwr_lead
All power source ready before reset released
11
-
-
ms
Tlat_s
Latched-in pin signal setup time
10
-
-
µs
Tlat_h
Latched-in pin signal hold time
2.63
-
-
ms
Figure 18 Reset, Pin Latched-In, Clock and Power Source Timing Requirements
58/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com