Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101GRI Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # IP101GRI
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GRI Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button IP101GRI Datasheet HTML 22Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 23Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 24Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 25Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 26Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 27Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 28Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 29Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
IP101G
Data Sheet
26/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
MII page16 register16
page
MII
ROM R/W
Description
Default
16[8]
R/W FEF_DISABLE
To enable or disable the functionality of Far-End Fault
Mode
Enable
Disable
100Base-TX
1
0
0
16[7]
R/W NWAY_PSAVE_DIS
Set high to disable the power saving during auto-negotiation
0
16[6]
RO Reserved
0
16[5]
R/W BYPASS_DSP_RESET
Set high to bypass the reset DSP mechanism in PCS sub-layer
0
16[4:3]
RO Reserved
2’b00
16[2]
R/W REPEATER_MODE
Set high to put IP101G into repeater mode
0
16[1]
R/W Reserved
1
16[0]
R/W ANALOG_OFF
Set high to power down analog transceiver
0
The other Registers are reserved registers. User is inhibited to access to these registers. It may
introduce abnormal function to write these registers.
MII page16 register17
page
MII
ROM R/W
Description
Default
Interrupt Status Register
17[15]
R/W INTR pin used
Interrupt pin used.
Set high to enable INTR or INTR_32 as an interrupt pin. Pin
INTR or INTR_32 will be high impedance if this bit is set low.
0
17[14:12]
RO Reserved
3’b000
17[11]
R/W All Mask
When this bit is set high, flags to be raised on bit 6, 2, 1 and 0
will not cause an interrupt.
1
17[10]
R/W Speed Mask
When this bit is set high, changes in speed mode will not cause
an interrupt.
1
17[9]
R/W Duplex Mask
When this bit is set high, changes in duplex mode will not
cause an interrupt.
1
17[8]
R/W Link Mask
When this bit is set high, changes in link status will not cause
an interrupt.
1
17[7:4]
RO Reserved
0x0
17[3]
RO
(SC)
INTR Status
Flag to indicate interrupt status
0
16
17[2]
RO
(SC)
Speed Change
Flag to indicate speed change interrupt
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com