Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101G-DS-R01 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # IP101G-DS-R01
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101G-DS-R01 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button IP101G-DS-R01 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
IP101G
Data Sheet
19/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
4
Register Descriptions
Table 2 Register Map
Page
Register
Description
Default
Note
X
20
Page Control Register
0x0010
--
0
Control Register
0x3100
--
1
Status Register
0x7849
--
2
PHY Identifier 1 Register
0x0243
--
3
PHY Identifier 2 Register
0x0C54
--
4
Auto-Negotiation Advertisement Register
0x01E1
--
5
Auto-Negotiation Link Partner Ability Register
0x0000
--
6
Auto-Negotiation Expansion Register
0x0004
--
7
Auto-Negotiation Next Page Transmit Register
0x2001
--
8
Auto-Negotiation Link Partner Next Page Register
0x0000
--
13
MMD Access Control Register
0x0000
--
14
MMD Access Address Data Register
0x0000
16
16
PHY Specific Control Register
0x0002
16
17
PHY Interrupt Ctrl/Status Register
0x0F00
16
18
PHY Status Monitoring Register
0x0208
16
26
Digital IO Pin Driving Control Register
0x1249
16
27
Digital IO Pin Driving Control Register
0x0012
16
28
LED Pin Driving Control Register
0x0001
16
29
Digital I/O Specific Control Register
0x0082
16
30
PHY MDI/MDIX Control and Specific Status Register
0x0000
--
MMD 3.0
PCS Control 1 Register
0x0000
--
MMD 3.1
PCS Status 1 Register
0x0000
--
MMD 3.20
EEE Capability Register
0x0002
--
MMD 3.22
EEE Wake Error Count Register
0x0000
--
MMD 7.60
EEE Advertisement Register
0x0002
--
MMD 7.61
EEE Link Partner Ability Register
0x0000
1
17
PHY Specific Control Register
0x0000
1
18
RX CRC Error Counter Register
0x0000
1
22
Linear Regulator Output Control Register
0x2020
1
23
UTP PHY Specific Control Register
0x8000
2
18
RX Packet Counter Register
0x0000
4
16
WOL+ Control Register
0x5F40
4
22
Digital IO Pin Driving Control Register
0x4000
5
16
PHY WOL+ MAC Address Register
0x0000
8
17
RX Counter Control Register
0x7000
11
18
UTP PHY Interrupt Control/Status Register
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com