Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101G-DS-R01 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # IP101G-DS-R01
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101G-DS-R01 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button IP101G-DS-R01 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 24Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 28Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 29Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 30Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
IP101G
Data Sheet
27/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
MII page16 register17
page
MII
ROM R/W
Description
Default
17[1]
RO
(SC)
Duplex Change
Flag to indicate duplex change interrupt
0
17[0]
RO
(SC)
Link Change
Flag to indicate link status change interrupt
0
The other Registers are reserved registers. User is inhibited to access to these registers. It may
introduce abnormal function to write these registers.
MII page16 register18
page
MII
ROM R/W
Description
Default
UTP PHY Interrupt Control/Status Register
18[15]
RO Reserved
0
18[14]
RO Resolved Speed
The resolved speed selection after auto negotiation or forced
mode
0
18[13]
RO Resolved Duplex
The resolved duplex selection after auto negotiation or forced
mode
0
18[12]
RO Reserved
0
18[11]
RO Resolved Auto negotiation completed
To indicate if auto negotiation is finished
0
18[10]
RO LINK_UP
To indicate the link status is OK or FAIL
0
18[9]
RO MDI/MDIX
To indicate which channel is selected by auto-MDIX.
1: MDIX is selected
0: MDI is selected
1
18[8]
RO POLARITY
To indicate the polarity of twist pair N/P is reversed
0
18[7]
RO JABBER
To indicate if jabber packet is received or not, when bit 16:<9>
is set high
0
18[6:4]
RO Reserved
0
16
18[3:0]
RO AN_ARBIT_STATE
To monitor the current value of N-WAY arbiter state machine
8: AUTO NEGOTIATION ENABLE
0: TRANSMIT DISABLE
1: ABILITY DETECT
5: ACKNOWLEDGE DETECT
4: COMPLETE ACKNOWLEDGE
12: NEXT PAGE WAIT
3: LINK STATUS CHECK
9: PARALLEL DETECTION FAULT
2: FLP LINK GOOD CHECK
10: FLP LINK GOOD
0x8
The other Registers are reserved registers. User is inhibited to access to these registers. It may
introduce abnormal function to write these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com