Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101G-DS-R01 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # IP101G-DS-R01
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101G-DS-R01 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button IP101G-DS-R01 Datasheet HTML 44Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 45Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 46Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 47Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 48Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 49Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 50Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 51Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 65 page
background image
IP101G
Data Sheet
48/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
5.3.2 IEEE802.3az EEE (Energy Efficient Ethernet)
In order to enter this mode, the PHY part should declare the EEE capability during the
auto-negotiation phase, and then send a LLDP to the link partner to indicate the wakeup time.
If both ends of the cable support EEE, IP101G can enter Low Power Idle mode per the request
from the higher layer (such as the command from CPU or MAC layer). There are 2 methods to activate
Low Power Idle Mode: the MII/RMII bus coming from MAC layer and the MII register control coming from
MDC/MDIO serial bus.
For legacy Ethernet MAC, the MII/RMII does not provide any command regarding EEE. When used
in conjunction with these MACs, IP101G provides a MII register that allows the designer to activate the
Low Power Idle mode.
It’s the higher layer’s responsibility to memorize the link partner’s wakeup time and wakeup the link
partner before sending data. The higher layer means a mechanism that can evaluate the packet buffer
utilization and wake the link partner before sending the data. In general speaking, this mechanism
probably consists of at least one of the following items: the packet buffer manager, the application
program and OS.
The EEE module works well at LPI (Low Power Idle) mode when
1. Link at full-duplex and
2. Auto-negotiation is enabled in both local and remote PHYs and
3. 100Mbps and
4. EEE ability is supported in both local & remote PHYs and
5. EEE_EN (MMD register 7.60[1]) is enabled for EEE function via default value.
In general applications, the energy-saving mechanism is activated by the real-time OS or the higher
layer hardware. When the OS or higher layer hardware knows that it’s the time to force the unused
function to enter standby mode or sleeping mode, it can force the MAC to send IEEE 802.3az compliant
command to set IP101G to “low power idle” mode. Once entering the “low power idle” mode, IP101G will
stay at a low power consumption level without losing the link capability. After awaken, it can generate a
INTR signal, hardware pin from IP101G, to notify the CPU or external circuitry.
IP101G supports not only EEE ability at 100Mbps but also smaller transmit amplitude requirement at
10Mbps. That complies with 10Base-T PHY interoperability over 100 meters of Category 5 or better
cable types.
5.3.3 Force power down
IP101G can be power-down by 2 methods. These 2 methods are as follows.
Power Down in bit 11 of Register 0: Enable this bit will disconnect the power to IP101G and also
internal clock, but MDC and MDIO are still activated.
Analog off in bit 0 of Register 16: Enable this bit will put IP101G in analog off state. This will power
down all analog functions but internal 25MHz operating clock is active, and MDC and MDIO are also
activated.
5.3.4 WOL+ operation mode
The huge amount of legacy Ethernet devices will make an Ethernet device which supports 802.3az
lost his energy saving capability, because they can not talk to each other for settling down the idle
schedule. IP101G to be a full-range-green Ethernet PHY, not only consumes very low power and with
802.3az capability, but also supports a WOL+ function for solving this issue.
IP101G supports WOL+ either master mode or slave mode. In master mode, the WOL+ function
will be active if all ports are in idle state has been continuously held for a period time. This period time
can be configured by WOL+ timer register (Page4 Reg16[7:6]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com