Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101G-DS-R01 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # IP101G-DS-R01
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101G-DS-R01 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button IP101G-DS-R01 Datasheet HTML 47Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 48Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 49Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 50Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 51Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 52Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 53Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 54Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 65 page
background image
IP101G
Data Sheet
IP101G can sleep or wake up by MAC manual set in WOL+ slave mode. There is an example as
the following figure. Setting to wake up by magic packets or the link status changed, and use an
active-low INTR (interrupt) to notify the MAC when sense any WOL+ events.
INTR goes low
No
Yes
Power on
Enable INTR pin
(Write)P16R17[15]=1
Wake up by receiving magic packets
(Write)P4R16[11:10]=2'b10
SEL_INTR32
(Write)P16R29[2]=1
Magic packet MAC_ADDR
(Write)P5R16[15:0]=0x1122
(Write)P5R16[15:0]=0x3344
(Write)P5R16[15:0]=0x5566
WOL+ Enable
(Write)P4R16[15]=1
Normal mode
1
2
WOL+ status
(Read)P17R17[2:0]
Case: 0X1
Case: 101
Case: 010
(Write) P4R16[5]=1
Sleep
Wait 5sec for
PHY linkup
Wake up
1
2
1
(Write) P4R16[5]=1
Case: others
Select Slave mode & Active Low INTR
(Write)P4R16[14:13]=2'b00
Disable Mask
(Write)P16R17[11:8]=4'b0000
Figure 15 MAC control sleep or wake up programming guide
51/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com