Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101G-DS-R01 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # IP101G-DS-R01
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101G-DS-R01 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button IP101G-DS-R01 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 44Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 45Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 46Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 47Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 48Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 49Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 50Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
IP101G
Data Sheet
Table 4 PHY Address Configuration
Pin name
Package
LED3/PHY_AD3 LED2/PHY_AD2 LED1/PHY_AD1 LED0/PHY_AD0
PHY Address
setting
0
X
X
0
5’d0
X
X
X
1
5’d1
32 pin
1
X
X
0
5’d2 ~ 5’d31
0
0
0
0
5’d0
X
0
0
1
5’d1
X
0
1
0
5’d2
X
0
1
1
5’d3
X
1
0
0
5’d4
X
1
0
1
5’d5
X
1
1
0
5’d6
X
1
1
1
5’d7
48 pin
1
0
0
0
5’d8 ~ 5’d31
Note: “X” indicate don’t care (either 1 or 0). Do not let these PHY address pins floating for the latched-in
settings after the power is ready.
LED pins also include the information of PHY address. The PHY address can be modified by changing
the LED circuitry. The modification can be arranged as follows.
Figure 12 PHY Address Configuration
The left diagram will enable the specific PHY address to 1, if it is connected to VDD33. The diagram on
the right shows the configuration for setting PHY address to 0, when the circuit is connected to ground.
By setting either one of the bits according to the diagram will allow one to modify PHY addresses from
PHY_AD0 to PHY_AD3.
5.3 Power Management Tool
IP101G provides rich power management tool to save the power consumption. They are
APS, auto power saving while Link-off
802.3az, protocol based power saving
PWD, force power down
WOL+, light traffic power saving
5.3.1 Auto Power Saving Mode
APS mode while link is down, MDC and MDIO are kept activated. IP101G will send NLP every
256ms or (256*N)ms during APS sleeping mode, and the symbol N is an integer such as 2,3,4… random
seed for power saving.
47/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com