Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101G-DS-R01 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # IP101G-DS-R01
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101G-DS-R01 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button IP101G-DS-R01 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 28Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 29Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 30Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 31Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 32Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 33Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
IP101G
Data Sheet
30/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
4.3 MMD Control Register
MII register 13
page
MII
ROM R/W
Description
Default
MMD Access Control Register
--
13[15:14]
--
R/W Function
00 = address
01 = data, no post increment
10 = data, post increment on reads and writes
11 = data, post increment on writes only
0
--
13[13:5]
--
R/W Reserved
Write as 0, ignore on read
0
--
13[4:0]
--
R/W DEVAD
Device Address
0
MII register 14
page
MII
ROM
R/W
Description
Default
MMD Access Address Data Register
--
14[15:0]
--
R/W Address Data
If 13.15:14 = 00, MMD DEVAD’s address register.
Otherwise, MMD DEVAD’s data register as indicated by the
contents of its address register
0
Example 1, Read 0.3.20 (Read Data from MMD register 3.20 of PHY address 0):
1.
Write 0.13 = 0x0003 //MMD DEVAD 3
2.
Write 0.14 = 0x0014 //MMD Address 20
3.
Write 0.13 = 0x4003 //MMD Data command for MMD DEVAD 3
4.
Read 0.14
//Read MMD Data from 0.3.20
Example 2, Write 1.7.60 = 0x3210 (Write 0x3210 Data to MMD register 7.60 of PHY address 1):
1.
Write 1.13 = 0x0007 //MMD DEVAD 7
2.
Write 1.14 = 0x003C //MMD Address 60
3.
Write 1.13 = 0x4007 //MMD Data command for MMD DEVAD 7
4.
Write 1.14 = 0x3210 //Write MMD Data 0x3210 to 1.7.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com