Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101G-DS-R01 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # IP101G-DS-R01
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101G-DS-R01 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button IP101G-DS-R01 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 24Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP101G-DS-R01 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
IP101G
Data Sheet
23/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
This register contains the advertised abilities of the Link Partner as received during Auto-negotiation. The
content changes after the successful Auto-negotiation if Next-pages are supported.
Bit
Name
Description/Usage
Default value
(h): 0000
Register 5 : Auto-Negotiation Link Partner Ability Register (ANLPAR)
15
Next Page
Next Page bit.
0 = transmitting the primary capability data page
1 = transmitting the protocol specific data page
0, RO
14
Acknowledge
1 = link partner acknowledges reception of local node’s
capability data word
0 = no acknowledgement
0, RO
13
Remote Fault
1 = link partner is indicating a remote fault
0 = link partner does not indicate a remote fault
0, RO
12
Reserved
0, RO
11
Asymmetric.
Pause
1 = asymmetric flow control is supported link partner
0 = asymmetric flow control is NOT supported by link partner
0, RO
10
Pause
1 = flow control is supported by Link partner
0 = flow control is NOT supported by Link partner
0, RO
9
T4
1 = 100Base-T4 is supported by link partner
0 = 100Base-T4 not supported by link partner
0, RO
8
TXFD
1 = 100Base-TX full duplex is supported by link partner
0 = 100Base-TX full duplex not supported by link partner
0, RO
7
100BASE-TX
1 = 100Base-TX is supported by link partner
0 = 100Base-TX not supported by link partner
This bit will also be set after the link in 100Base-TX is
established by parallel detection.
0, RO
6
10FD
1 = 10Base-T full duplex is supported by link partner
0 = 10Base-T full duplex not supported by link partner
0, RO
5
10Base-T
1 = 10Base-T is supported by link partner
0 = 10Base-T not supported by link partner
This bit will also be set after the link in 10Base-T is established
by parallel detection.
0, RO
4:0 Selector
Link Partner’s binary encoded node selector Currently only
CSMA/CD <00001> is specified
<00000>, RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com