Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2 Datasheet(PDF) 62 Page - STMicroelectronics

Part # PSD835G2
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button PSD835G2 Datasheet HTML 58Page - STMicroelectronics PSD835G2 Datasheet HTML 59Page - STMicroelectronics PSD835G2 Datasheet HTML 60Page - STMicroelectronics PSD835G2 Datasheet HTML 61Page - STMicroelectronics PSD835G2 Datasheet HTML 62Page - STMicroelectronics PSD835G2 Datasheet HTML 63Page - STMicroelectronics PSD835G2 Datasheet HTML 64Page - STMicroelectronics PSD835G2 Datasheet HTML 65Page - STMicroelectronics PSD835G2 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 102 page
background image
PSD835G2
62/102
Table 36. Port Operating Mode Settings
Note: 1. N/A = Not Applicable
2. The direction of the Port A,B,C, and F pins are controlled by the Direction Register ORed with the individual output enable product
term (.oe) from the CPLD AND Array.
3. Any of these three methods enables the JTAG pins on Port E.
4. Control Register setting is not applicable to Ports A, B and C.
Table 37. I/O Port Latched Address Output Assignments
Note: 1. N/A = Not Applicable.
Mode
Defined in PSDsoft
Control
Register
Setting
Direction
Register
Setting
VM Register
Setting
JTAG Enable
MCU I/O
Declare pins only
0 (Note 4)
1 = output,
0 = input
(Note 2)
N/A
N/A
PLD I/O
Declare pins and logic
equations
N/A
(Note 2)
N/A
N/A
Data Port (Port F)
Selected for MCU with
non-mux bus
N/A
N/A
N/A
N/A
Address Out
(Port E, F, G)
Declare pins only
1
1 (Note 2)
N/A
N/A
Address In
(Port A,B,C,D, F)
Declare pins or logic
equations for Input
Macrocells
N/A
N/A
N/A
N/A
Peripheral I/O
(Port F)
Logic equations
(PSEL0 & 1)
N/A
N/A
PIO Bit = 1
N/A
JTAG ISP (Note 3)
Declare pins only
N/A
N/A
N/A
JTAG_Enable
MCU
Port E
(PE3-PE0)
Port E
(PE7-PE4)
Port F
(PF3-PF0)
Port F
(PF7-PF4)
Port G
(PG3-PG0)
Port G
(PG7-PG4)
8051XA
N/A1
Address
(A7-A4)
N/A1
Address
(A7-A4)
Address
(A11-A8)
Address
(A15-A12)
80C251
(Page Mode)
N/A
N/A
N/A
N/A
Address
(A11-A8)
Address
(A7-A4)
All Other
8-Bit Multiplexed
Address
(A3-A0)
Address
(A7-A4)
Address
(A3-A0)
Address
(A7-A4)
Address
(A3-A0)
Address
(A7-A4)
8-Bit
Non-Multiplexed Bus
N/A
N/A
N/A
N/A
Address
(A3-A0)
Address
(A7-A4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com