Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2 Datasheet(PDF) 76 Page - STMicroelectronics

Part # PSD835G2
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button PSD835G2 Datasheet HTML 72Page - STMicroelectronics PSD835G2 Datasheet HTML 73Page - STMicroelectronics PSD835G2 Datasheet HTML 74Page - STMicroelectronics PSD835G2 Datasheet HTML 75Page - STMicroelectronics PSD835G2 Datasheet HTML 76Page - STMicroelectronics PSD835G2 Datasheet HTML 77Page - STMicroelectronics PSD835G2 Datasheet HTML 78Page - STMicroelectronics PSD835G2 Datasheet HTML 79Page - STMicroelectronics PSD835G2 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 102 page
background image
PSD835G2
76/102
PROGRAMMING IN-CIRCUIT USING THE JTAG/ISP INTERFACE
The JTAG/ISP Interface block can be enabled on
Port E (see Table 48., page 77). All memory
blocks (primary and secondary Flash memory),
PLD logic, and PSD Configuration Register bits
may be programmed through the JTAG/ISP Inter-
face block. A blank device can be mounted on a
printed circuit board and programmed using
JTAG/ISP.
The standard JTAG signals (IEEE 1149.1) are
TMS, TCK, TDI, and TDO. Two additional signals,
TSTAT and TERR, are optional JTAG extensions
used to speed up Program and Erase cycles.
By default, on a blank PSD (as shipped from the
factory or after erasure), four pins on Port E are
enabled for the basic JTAG signals TMS, TCK,
TDI, and TDO.
See Application Note AN1153 for more details on
JTAG In-System Programming (ISP).
Standard JTAG Signals
The standard JTAG signals (TMS, TCK, TDI, and
TDO) can be enabled by any of three different con-
ditions that are logically ORed. When enabled,
TDI, TDO, TCK, and TMS are inputs, waiting for a
JTAG serial command from an external JTAG con-
troller device (such as FlashLINK or Automated
Test Equipment). When the enabling command is
received, TDO becomes an output and the JTAG
channel is fully functional inside the PSD. The
same command that enables the JTAG channel
may optionally enable the two additional JTAG sig-
nals, TSTAT and TERR.
The following symbolic logic equation specifies the
conditions enabling the four basic JTAG signals
(TMS, TCK, TDI, and TDO) on their respective
Port E pins. For purposes of discussion, the logic
label JTAG_ON is used. When JTAG_ON is true,
the four pins are enabled for JTAG. When
JTAG_ON is false, the four pins can be used for
general PSD I/O.
JTAG_ON = PSDsoft_enabled +
/* An NVM configuration bit inside
the PSD is set by the designer in
the
PSDsoft
Configuration
utility.
This
dedicates the
pins
for JTAG at all times (compliant
with IEEE 1149.1 */
Microcontroller_enabled +
/* The microcontroller can set a
bit at run-time by writing to the
PSD
register,
JTAG
Enable.
This
register
is
located
at
address
CSIOP
+
offset
C7h.
Setting
the
JTAG_ENABLE
bit
in this
register
will enable the pins for JTAG use.
This bit is cleared by a PSD reset
or the microcontroller. See Table
20., page 22
for
bit
definition.
*/
PSD_product_term_enabled;
/* A dedicated product term (PT)
inside the PSD can be used to
enable the JTAG pins. This PT has
the reserved name JTAGSEL. Once
defined as a node in PSDabel, the
designer can write an equation for
JTAGSEL. This method is used when
the Port E JTAG pins are
multiplexed with other I/O
signals. It is recommended to
logically tie the node JTAGSEL to
the JEN\ signal on the Flashlink
cable when multiplexing JTAG
signals. See Application Note 1153
for details. */
The PSD supports JTAG/ISP commands, but not
Boundary Scan. The PSDsoft software tool and
FlashLINK JTAG programming cable implement
the JTAG/ISP commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com