Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2 Datasheet(PDF) 19 Page - STMicroelectronics

Part # PSD835G2
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PSD835G2 Datasheet HTML 15Page - STMicroelectronics PSD835G2 Datasheet HTML 16Page - STMicroelectronics PSD835G2 Datasheet HTML 17Page - STMicroelectronics PSD835G2 Datasheet HTML 18Page - STMicroelectronics PSD835G2 Datasheet HTML 19Page - STMicroelectronics PSD835G2 Datasheet HTML 20Page - STMicroelectronics PSD835G2 Datasheet HTML 21Page - STMicroelectronics PSD835G2 Datasheet HTML 22Page - STMicroelectronics PSD835G2 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 102 page
background image
19/102
PSD835G2
PSD REGISTER DESCRIPTION AND ADDRESS OFFSET
Table 5 shows the offset addresses to the PSD
registers relative to the CSIOP base address. The
CSIOP space is the 256 Bytes of address that is
allocated by the user to the internal PSD registers.
Table 5 provides brief descriptions of the registers
in CSIOP space. The following section gives a
more detailed description.
Table 5. Register Address Offset
Note: 1. Other registers that are not part of the I/O ports.
Register Name
Port
A
Port
B
Port
C
Port
D
Port
E
Port
F
Port
G
Other
1
Description
Data In
00
01
10
11
30
40
41
Reads Port pin as input, MCU I/
O input mode
Control
32
42
43
Selects mode between MCU I/O
or Address Out
Data Out
04
05
14
15
34
44
45
Stores data for output to Port
pins, MCU I/O output mode
Direction
06
07
14
15
36
46
47
Configures Port pin as input or
output
Drive Select
08
09
18
19
38
48
49
Configures Port pins as either
CMOS or Open Drain on some
pins, while selecting high slew
rate on other pins.
Input Macrocell
0A
0B
1A
Reads Input Macrocells
Enable Out
0C
0D
1C
1B
4C
Reads the status of the output
enable to the I/O Port driver
Output
Macrocells A
20
READ – reads output of
macrocells A
WRITE – loads macrocell flip-
flops
Output
Macrocells B
21
READ – reads output of
macrocells B
WRITE – loads macrocell flip-
flops
Mask Macrocells
A
22
Blocks writing to the Output
Macrocells A
Mask Macrocells
B
23
Blocks writing to the Output
Macrocells B
Primary Flash
Protection
C0
Read only – Primary Flash
Sector Protection
Secondary Flash
memory
Protection
C2
Read only – PSD Security and
Secondary Flash memory
Sector Protection
JTAG Enable
C7
Enables JTAG Port
PMMR0
B0
Power Management Register 0
PMMR2
B4
Power Management Register 2
Page
E0
Page Register
VM
E2
Places PSD memory areas in
Program and/or Data space on
an individual basis.
Memory_ID0
F0
Read only – Primary Flash
memory and SRAM size
Memory_ID1
F1
Read only – Secondary Flash
memory type and size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com