Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PSD835G2
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PSD835G2 Datasheet HTML 7Page - STMicroelectronics PSD835G2 Datasheet HTML 8Page - STMicroelectronics PSD835G2 Datasheet HTML 9Page - STMicroelectronics PSD835G2 Datasheet HTML 10Page - STMicroelectronics PSD835G2 Datasheet HTML 11Page - STMicroelectronics PSD835G2 Datasheet HTML 12Page - STMicroelectronics PSD835G2 Datasheet HTML 13Page - STMicroelectronics PSD835G2 Datasheet HTML 14Page - STMicroelectronics PSD835G2 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
11/102
PSD835G2
Table 1. Pin Description
Pin
Name
Pin
Type
Description
ADIO0-7
3-7-
10-12
I/O
This is the lower Address/Data port. Connect your MCU address or address/data
bus according to the following rules:
If your MCU has a multiplexed address/data bus where the data is multiplexed with
the lower address bits, connect AD0-AD7 to this port.
If your MCU does not have a multiplexed address/data bus, connect A0-A7 to this
port.
If you are using an 80C51XA in burst mode, connect A4/D0 through A11/D7 to this
port.
ALE or AS latches the address. The PSD drives data out only if the READ signal is
active and one of the PSD functional blocks was selected. The addresses on this
port are passed to the PLDs.
ADIO8-
15
13-20
I/O
This is the upper Address/Data port. Connect your MCU address or address/data
bus according to the following rules:
If your MCU has a multiplexed address/data bus where the data is multiplexed with
the lower address bits, connect A8-A15 to this port.
If your MCU does not have a multiplexed address/data bus, connect A8-A15 to this
port.
If you are using an 80C251 in page mode, connect AD8-AD15 to this port.
If you are using an 80C51XA in burst mode, connect A12-A19 to this port.
ALE or AS latches the address. The PSD drives data out only if the READ signal is
active and one of the PSD functional blocks was selected. The addresses on this
port are passed to the PLDs.
CNTL0
59
I
The following control signals can be connected to this port, based on your MCU:
WR – active Low Write Strobe input.
R_W – active High READ/active Low WRITE input.
This port is connected to the PLDs. Therefore, these signals can be used in decode
and other logic equations.
CNTL1
60
I
The following control signals can be connected to this port, based on your MCU:
RD – active Low Read Strobe input.
E – E clock input.
DS – active Low Data Strobe input.
PSEN – connect PSEN to this port when it is being used as an active Low READ
signal. For example, when the 80C251 outputs more than 16 address bits, PSEN is
actually the READ signal.
This port is connected to the PLDs. Therefore, these signals can be used in decode
and other logic equations.
CNTL2
40
I
This port can be used to input the PSEN (Program Select Enable) signal from any
MCU that uses this signal for code exclusively. If your MCU does not output a
Program Select Enable signal, this port can be used as a generic input. This port is
connected to the PLDs as input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com