Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2 Datasheet(PDF) 86 Page - STMicroelectronics

Part # PSD835G2
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button PSD835G2 Datasheet HTML 82Page - STMicroelectronics PSD835G2 Datasheet HTML 83Page - STMicroelectronics PSD835G2 Datasheet HTML 84Page - STMicroelectronics PSD835G2 Datasheet HTML 85Page - STMicroelectronics PSD835G2 Datasheet HTML 86Page - STMicroelectronics PSD835G2 Datasheet HTML 87Page - STMicroelectronics PSD835G2 Datasheet HTML 88Page - STMicroelectronics PSD835G2 Datasheet HTML 89Page - STMicroelectronics PSD835G2 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 102 page
background image
PSD835G2
86/102
Table 59. CPLD Macrocell Synchronous Clock Mode Timing
Note: 1. Fast Slew Rate output available on Ports C and F.
2. CLKIN (PD1) tCLCL = tCH + tCL.
Table 60. CPLD Macrocell Asynchronous Clock Mode Timing
Symbol
Parameter
Conditions
-70
-90
PT
Aloc
Turbo
Off
Slew
rate1
Unit
Min
Max
Min
Max
fMAX
Maximum Frequency
External Feedback
1/(tS+tCO)
34.4
30.30
MHz
Maximum Frequency
Internal Feedback (fCNT)
1/(tS+tCO–10)
52.6
43.48
MHz
Maximum Frequency
Pipelined Data
1/(tCH+tCL)
83.3
50.00
MHz
tS
Input Setup Time
14
15
+ 2
+ 12
ns
tH
Input Hold Time
0
0
ns
tCH
Clock High Time
Clock Input
6
10
ns
tCL
Clock Low Time
Clock Input
6
10
ns
tCO
Clock to Output Delay
Clock Input
15
18
– 2
ns
tARD
CPLD Array Delay
Any macrocell
11
16
+ 2
ns
tMIN
Minimum Clock Period 2
tCH+tCL
12
20
ns
Symbol
Parameter
Conditions
-70
-90
PT
Aloc
Turbo
Off
Slew
Rate
Unit
Min
Max
Min
Max
fMAXA
Maximum
Frequency
External Feedback
1/(tSA+tCOA)
38.4
26.32
MHz
Maximum
Frequency
Internal Feedback
(fCNTA)
1/(tSA+tCOA–10)
62.5
35.71
MHz
Maximum
Frequency
Pipelined Data
1/(tCHA+tCLA)
47.6
37.3
MHz
tSA
Input Setup Time
6
8
+ 2
+ 12
ns
tHA
Input Hold Time
7
12
ns
tCHA
Clock Input High
Time
912
+ 12
ns
tCLA
Clock Input Low
Time
12
15
+ 12
ns
tCOA
Clock to Output
Delay
21
30
+ 12
– 2
ns
tARDA
CPLD Array Delay
Any macrocell
11
16
+ 2
ns
tMINA
Minimum Clock
Period
1/fCNTA
16
28
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com