Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2 Datasheet(PDF) 66 Page - STMicroelectronics

Part # PSD835G2
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button PSD835G2 Datasheet HTML 62Page - STMicroelectronics PSD835G2 Datasheet HTML 63Page - STMicroelectronics PSD835G2 Datasheet HTML 64Page - STMicroelectronics PSD835G2 Datasheet HTML 65Page - STMicroelectronics PSD835G2 Datasheet HTML 66Page - STMicroelectronics PSD835G2 Datasheet HTML 67Page - STMicroelectronics PSD835G2 Datasheet HTML 68Page - STMicroelectronics PSD835G2 Datasheet HTML 69Page - STMicroelectronics PSD835G2 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 102 page
background image
PSD835G2
66/102
Input Macrocells (IMC)
The Input Macrocells (IMC) can be used to latch or
store external inputs. The outputs of the Input
Macrocells (IMC) are routed to the PLD input bus,
and can be read by the MCU. See PLDs, page 38.
Enable Out
The Enable Out register can be read by the MCU.
It contains the output enable values for a given
port. A ‘1’ indicates the driver is in output mode. A
‘0’ indicates the driver is in tri-state and the pin is
in input mode.
Ports A,B and C – Functionality and Structure
Ports A and B have similar functionality and struc-
ture, as shown in Figure 28.
The two ports can be configured to perform one or
more of the following functions:
–
MCU I/O Mode
–
CPLD Output – Macrocells McellA7-McellA0
can be connected to Port A, McellB7-McellB0
can be connected to Port B, External Chip
Select ECS7-ECS0 can be connected to Port
C.
–
CPLD Input – Via the Input Macrocells (IMC).
–
Address In – Additional high address inputs
using the Input Macrocells (IMC).
–
Open Drain/Slew Rate – pins PC7-PC0 can be
configured to fast slew rate, pins PA7-PA0 and
PB7-PB0 can be configured to Open Drain
Mode.
Figure 28. Port A, B and C Structure
DATA OUT
REG.
DQ
DQ
WR
WR
MCELLA7-MCELLA0 (PORT A)
MCELLB7-MCELLB0 (PORT B)
EXT.CS (PORT C)
ENABLE PRODUCT TERM (.OE)
READ MUX
P
D
B
CPLD - INPUT
DIR REG.
INPUT
MACROCELL
ENABLE OUT
DATA IN
OUTPUT
SELECT
OUTPUT
MUX
PORT PIN
DATA OUT
AI02887b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com