Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2 Datasheet(PDF) 23 Page - STMicroelectronics

Part # PSD835G2
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button PSD835G2 Datasheet HTML 19Page - STMicroelectronics PSD835G2 Datasheet HTML 20Page - STMicroelectronics PSD835G2 Datasheet HTML 21Page - STMicroelectronics PSD835G2 Datasheet HTML 22Page - STMicroelectronics PSD835G2 Datasheet HTML 23Page - STMicroelectronics PSD835G2 Datasheet HTML 24Page - STMicroelectronics PSD835G2 Datasheet HTML 25Page - STMicroelectronics PSD835G2 Datasheet HTML 26Page - STMicroelectronics PSD835G2 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 102 page
background image
23/102
PSD835G2
Table 24. VM Register
Note: 1. On reset, Bit1-Bit4 are loaded to configurations that are selected by the user in PSDsoft. Bit0 and Bit7 are always cleared on reset.
Bit0-Bit4 are active only when the device is configured in Philips 80C51XA mode.
2. Bit Definitions:
SR_code0 = PSEN cannot access SRAM in 80C51XA modes.
1 = PSEN can access SRAM in 80C51XA modes.
Boot_code0 = PSEN cannot access Secondary NVM in 80C51XA modes.
1 = PSEN can access Secondary NVM in 80C51XA modes.
FL_code0 = PSEN cannot access Primary Flash memory in 80C51XA modes.
1 = PSEN can access Primary Flash memory in 80C51XA modes.
Boot_data0 = RD cannot access Secondary NVM in 80C51XA modes.
1 = RD can access Secondary NVM in 80C51XA modes.
FL_data0 = RD cannot access Primary Flash memory in 80C51XA modes.
1 = RD can access Primary Flash memory in 80C51XA modes.
Peripheral mode0 = Peripheral mode of Port F is disabled.
1 = Peripheral mode of Port F is enabled.
Table 25. Memory_ID0 Register
Note: Bit Definitions:
F_size[3:0]
4h = Primary Flash memory size is 4 Mbit
5h = Primary Flash memory size is 8Mbit
S_size[3:0]
0h = There is no SRAM
1h = SRAM size is 16 Kbit
3h = SRAM size is 64 Kbit
Table 26. Memory_ID1 Register
Note: Bit Definitions:
B_size[3:0]
0h = There is no Secondary NVM
2h = Secondary NVM size is 256 Kbit
B_type[1:0]
0h = Secondary NVM is Flash memory
1h = Secondary NVM is EEPROM
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1
Bit 0
Peripheral
mode
not used
(set to ’0’)
not used
(set to ’0’)
FL_data
Boot_data
FL_code
Boot_code
SR_code
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1
Bit 0
S_size 3
S_size 2
S_size 1
S_size 0
F_size 3
F_size 2
F_size 1
F_size 0
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1
Bit 0
not used
(set to ’0’)
not used
(set to ’0’)
B_type 1
B_type 0
B_size 3
B_size 2
B_size 1
B_size 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com