Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2 Datasheet(PDF) 70 Page - STMicroelectronics

Part # PSD835G2
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button PSD835G2 Datasheet HTML 66Page - STMicroelectronics PSD835G2 Datasheet HTML 67Page - STMicroelectronics PSD835G2 Datasheet HTML 68Page - STMicroelectronics PSD835G2 Datasheet HTML 69Page - STMicroelectronics PSD835G2 Datasheet HTML 70Page - STMicroelectronics PSD835G2 Datasheet HTML 71Page - STMicroelectronics PSD835G2 Datasheet HTML 72Page - STMicroelectronics PSD835G2 Datasheet HTML 73Page - STMicroelectronics PSD835G2 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 102 page
background image
PSD835G2
70/102
POWER MANAGEMENT
The PSD835G2 offers configurable power saving
options. These options may be used individually or
in combinations, as follows:
–
All memory blocks in a PSD (primary and
secondary Flash memory, and SRAM) are
built with Power Management technology. In
addition to using special silicon design
methodology, power management technology
puts the memories into standby mode when
address/data inputs are not changing (zero
DC current). As soon as a transition occurs on
an input, the affected memory “wakes up”,
changes and latches its outputs, then goes
back to standby. The designer does not have
to do anything special to achieve memory
standby mode when no inputs are changing—
it happens automatically.
The PLD sections can also achieve Stand-by
mode when its inputs are not changing, as
described in the sections on the Power
Management Mode Registers (PMMR).
–
As with the Power Management mode, the
Automatic Power Down (APD) unit allows the
PSD to reduce to standby current
automatically. The APD Unit can also block
MCU address/data signals from reaching the
memories and PLDs. This feature is available
on all the devices of the PSD family. The APD
Unit is described in more detail in Automatic
Power-down (APD) Unit and Power-down
Mode, page 71.
Built-in logic monitors the Address Strobe of
the MCU for activity. If there is no activity for a
certain time period (MCU is asleep), the APD
Unit initiates Power-down mode (if enabled).
Once in Power-down mode, all address/data
signals are blocked from reaching PSD
memory and PLDs, and the memories are
deselected internally. This allows the memory
and PLDs to remain in standby mode even if
the address/data signals are changing state
externally (noise, other devices on the MCU
bus, etc.). Keep in mind that any unblocked
PLD input signals that are changing states
keep the PLD out of Stand-by mode, but not
the memories.
–
PSD Chip Select Input (CSI, PD2) can be
used to disable the internal memories, placing
them in standby mode even if inputs are
changing. This feature does not block any
internal signals or disable the PLDs. This is a
good alternative to using the APD Unit. There
is a slight penalty in memory access time
when PSD Chip Select Input (CSI, PD2)
makes its initial transition from deselected to
selected.
–
The PMMRs can be written by the MCU at run-
time to manage power. All PSD devices
support “blocking bits” in these registers that
are set to block designated signals from
reaching both PLDs. Current consumption of
the PLDs is directly related to the composite
frequency of the changes on their inputs (see
Figure 34., page 78). Significant power
savings can be achieved by blocking signals
that are not used in PLD logic equations at
run-time. PSDsoft creates a fuse map that
automatically blocks the low address Byte
(A7-A0) or the Control signals (CNTL0-
CNTL2, ALE and WRH/DBE) if none of these
signals are used in PLD logic equations.
PSD devices have a Turbo Bit in PMMR0. This
bit can be set to turn the Turbo mode off (the
default is with Turbo mode turned on). While
Turbo mode is off, the PLDs can achieve
standby current when no PLD inputs are
changing (zero DC current). Even when inputs
do change, significant power can be saved at
lower frequencies (AC current), compared to
when Turbo mode is on. When the Turbo
mode is on, there is a significant DC current
component and the AC component is higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com