Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2 Datasheet(PDF) 12 Page - STMicroelectronics

Part # PSD835G2
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PSD835G2 Datasheet HTML 8Page - STMicroelectronics PSD835G2 Datasheet HTML 9Page - STMicroelectronics PSD835G2 Datasheet HTML 10Page - STMicroelectronics PSD835G2 Datasheet HTML 11Page - STMicroelectronics PSD835G2 Datasheet HTML 12Page - STMicroelectronics PSD835G2 Datasheet HTML 13Page - STMicroelectronics PSD835G2 Datasheet HTML 14Page - STMicroelectronics PSD835G2 Datasheet HTML 15Page - STMicroelectronics PSD835G2 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 102 page
background image
PSD835G2
12/102
Reset
39
I
Active Low input. Resets I/O Ports, PLD macrocells and some of the Configuration
Registers and JTAG registers. Must be Low at Power-up. Reset also aborts the
Flash programming/erase cycle that is in progress.
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
58
57
56
55
54
53
52
51
I/O CMOS
or Open
Drain
These pins make up Port A. These port pins are configurable and can have the
following functions:
MCU I/O – write to or read from a standard output or input port.
CPLD macrocell (McellA0-7) outputs.
Inputs to the PLDs.
Latched, transparent or registered PLD input.
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
68
67
66
65
64
63
62
61
I/O CMOS
or Open
Drain
These pins make up Port B. These port pins are configurable and can have the
following functions:
MCU I/O – write to or read from a standard output or input port.
CPLD macrocell (McellB0-7) output.
Inputs to the PLDs.
Latched, transparent or registered PLD input.
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
48
47
46
45
44
43
42
41
I/O CMOS
or Open
Drain
These pins make up Port C. These port pins are configurable and can have the
following functions:
MCU I/O – write to or read from a standard output or input port.
External Chip Select (ECS0-7) output.
Latched, transparent or registered PLD input.
PD0
79
I/O CMOS
or Open
Drain
PD0 pin of Port D. This port pin can be configured to have the following functions:
ALE/AS input latches addresses on ADIO0-ADIO15 pins.
AS input latches addresses on ADIO0-ADIO15 pins on the rising edge.
Input to the PLDs.
Transparent PLD input.
PD1
80
I/O CMOS
or Open
Drain
PD1 pin of Port D. This port pin can be configured to have the following functions:
MCU I/O – write to or read from a standard output or input port.
Input to the PLDs.
CLKIN – clock input to the CPLD macrocells, the APD Unit’s Power-down counter,
and the CPLD AND Array.
PD2
1
I/O CMOS
or Open
Drain
PD2 pin of Port D. This port pin can be configured to have the following functions:
MCU I/O – write to or read from a standard output or input port.
Input to the PLDs.
PSD Chip Select Input (CSI). When Low, the MCU can access the PSD memory
and I/O. When High, the PSD memory blocks are disabled to conserve power. The
trailing edge of CSI can be used to get the PSD out of power-down mode.
Pin
Name
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com