Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2 Datasheet(PDF) 13 Page - STMicroelectronics

Part # PSD835G2
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PSD835G2 Datasheet HTML 9Page - STMicroelectronics PSD835G2 Datasheet HTML 10Page - STMicroelectronics PSD835G2 Datasheet HTML 11Page - STMicroelectronics PSD835G2 Datasheet HTML 12Page - STMicroelectronics PSD835G2 Datasheet HTML 13Page - STMicroelectronics PSD835G2 Datasheet HTML 14Page - STMicroelectronics PSD835G2 Datasheet HTML 15Page - STMicroelectronics PSD835G2 Datasheet HTML 16Page - STMicroelectronics PSD835G2 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
13/102
PSD835G2
PD3
2
I/O CMOS
or Open
Drain
PD3 pin of Port D. This port pin can be configured to have the following functions:
MCU I/O – write to or read from a standard output or input port.
Input to the PLDs.
PE0
71
I/O CMOS
or Open
Drain
PE0 pin of Port E. This port pin can be configured to have the following functions:
MCU I/O – write to or read from a standard output or input port.
Latched address output.
TMS input for JTAG/ISP interface.
PE1
72
I/O CMOS
or Open
Drain
PE1 pin of Port E. This port pin can be configured to have the following functions:
MCU I/O – write to or read from a standard output or input port.
Latched address output.
TCK input for JTAG/ISP interface (Schmidt Trigger).
PE2
73
I/O CMOS
or Open
Drain
PE2 pin of Port E. This port pin can be configured to have the following functions:
MCU I/O – write to or read from a standard output or input port.
Latched address output.
TDI input for JTAG/ISP interface.
PE3
74
I/O CMOS
or Open
Drain
PE3 pin of Port E. This port pin can be configured to have the following functions:
MCU I/O – write to or read from a standard output or input port.
Latched address output.
TDO input for JTAG/ISP interface.
PE4
75
I/O CMOS
or Open
Drain
PE4 pin of Port E. This port pin can be configured to have the following functions:
MCU I/O – write to or read from a standard output or input port.
Latched address output.
TSTAT input for the ISP interface.
Ready/Busy for in-circuit Parallel Programming.
PE5
76
I/O CMOS
or Open
Drain
PE5 pin of Port E. This port pin can be configured to have the following functions:
MCU I/O – write to or read from a standard output or input port.
Latched address output.
TERR active Low input for ISP interface.
PE6
77
I/O CMOS
or Open
Drain
PE6 pin of Port E. This port pin can be configured to have the following functions:
MCU I/O – write to or read from a standard output or input port.
Latched address output.
VSTBY SRAM standby voltage input for battery backup SRAM.
Pin
Name
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com