Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9080 Datasheet(PDF) 17 Page - ESS Technology,Inc

Part # ES9080
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080 Datasheet(HTML) 17 Page - ESS Technology,Inc

Back Button ES9080 Datasheet HTML 13Page - ESS Technology,Inc ES9080 Datasheet HTML 14Page - ESS Technology,Inc ES9080 Datasheet HTML 15Page - ESS Technology,Inc ES9080 Datasheet HTML 16Page - ESS Technology,Inc ES9080 Datasheet HTML 17Page - ESS Technology,Inc ES9080 Datasheet HTML 18Page - ESS Technology,Inc ES9080 Datasheet HTML 19Page - ESS Technology,Inc ES9080 Datasheet HTML 20Page - ESS Technology,Inc ES9080 Datasheet HTML 21Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
17
ES9080 Product Datasheet
Pre-Programmed Digital Filters
The ES9080 has 5 pre-programmed digital filters. The latency for each filter reduces (scales) with increasing sample rates.
•
Minimum Phase
•
Linear Phase Apodizing
•
Linear Phase Fast Roll-off Low Ripple
•
Minimum Phase Slow Roll-off
•
Minimum Phase Slow Roll-off Low Dispersion
PCM Filter Properties
The following filter properties were obtained from software simulations of these filters.
Minimum Phase
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
±0.0207dB
0.460 x fs
Hz
–3dB
0.484 x fs
Stop band
<-91.4dB
0.547 x fs
Hz
Group Delay
17 / fs
s
Flatness (ripple)
±0.002dB
dB
Linear Phase Apodizing
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
±0.026dB
0.421 x fs
Hz
–3dB
0.449 x fs
Stop band
<-60.3dB
0.5 x fs
Hz
Group Delay
32 / fs
s
Flatness (ripple)
±0.026dB
dB
Linear Phase Fast Roll-off Low Ripple
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
±0.021dB
0.470 x fs
Hz
–3dB
0.492 x fs
Stop band
<-57.84
0.547 x fs
Hz
Group Delay
32 / fs
s
Flatness (ripple)
±0.021dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com