Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9080 Datasheet(PDF) 76 Page - ESS Technology,Inc

Part # ES9080
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080 Datasheet(HTML) 76 Page - ESS Technology,Inc

Back Button ES9080 Datasheet HTML 72Page - ESS Technology,Inc ES9080 Datasheet HTML 73Page - ESS Technology,Inc ES9080 Datasheet HTML 74Page - ESS Technology,Inc ES9080 Datasheet HTML 75Page - ESS Technology,Inc ES9080 Datasheet HTML 76Page - ESS Technology,Inc ES9080 Datasheet HTML 77Page - ESS Technology,Inc ES9080 Datasheet HTML 78Page - ESS Technology,Inc ES9080 Datasheet HTML 79Page - ESS Technology,Inc ES9080 Datasheet HTML 80Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ES9080 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
76
Register 65-64: GPIO OUTPUT ENABLE
Bits
[15]
[14]
[13]
[12]
[11]
[10]
[9:6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
4'd0
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[15]
SPDIF_SEL_GPIO6
When GPIO6_CFG=15 (output SPDIF stream):
•
1'b0: Outputs SPDIF1 stream (default)
•
1'b1: Outputs SPDIF2 stream
[14]
SPDIF_SEL_GPIO5
When GPIO5_CFG=15 (output SPDIF stream):
•
1'b0: Outputs SPDIF1 stream (default)
•
1'b1: Outputs SPDIF2 stream
[13]
SPDIF_SEL_GPIO4
When GPIO4_CFG=15 (output SPDIF stream):
•
1'b0: Outputs SPDIF1 stream (default)
•
1'b1: Outputs SPDIF2 stream
[12]
SPDIF_SEL_GPIO3
When GPIO3_CFG=15 (output SPDIF stream):
•
1'b0: Outputs SPDIF1 stream (default)
•
1'b1: Outputs SPDIF2 stream
[11]
SPDIF_SEL_GPIO2
When GPIO2_CFG=15 (output SPDIF stream):
•
1'b0: Outputs SPDIF1 stream (default)
•
1'b1: Outputs SPDIF2 stream
[10]
SPDIF_SEL_GPIO1
When GPIO1_CFG=15 (output SPDIF stream):
•
1'b0: Outputs SPDIF1 stream (default)
•
1'b1: Outputs SPDIF2 stream
[9:6]
RESERVED
NA
[5]
GPIO6_OE
GPIO6 output control.
•
1'b0: Tristate GPIO6 (default)
•
1'b1: GPIO6 Output Enable
[4]
GPIO5_OE
GPIO5 output control.
•
1'b0: Tristate GPIO5 (default)
•
1'b1: GPIO5 Output Enable
[3]
GPIO4_OE
GPIO4 output control.
•
1'b0: Tristate GPIO4 (default)
•
1'b1: GPIO4 Output Enable
[2]
GPIO3_OE
GPIO3 output control.
•
1'b0: Tristate GPIO3 (default)
•
1'b1: GPIO3 Output Enable
[1]
GPIO2_OE
GPIO2 output control.
•
1'b0: Tristate GPIO2 (default)
•
1'b1: GPIO2 Output Enable
[0]
GPIO1_OE
GPIO1 output control.
•
1'b0: Tristate GPIO1 (default)
•
1'b1: GPIO1 Output Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com