Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9080 Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES9080
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080 Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES9080 Datasheet HTML 1Page - ESS Technology,Inc ES9080 Datasheet HTML 2Page - ESS Technology,Inc ES9080 Datasheet HTML 3Page - ESS Technology,Inc ES9080 Datasheet HTML 4Page - ESS Technology,Inc ES9080 Datasheet HTML 5Page - ESS Technology,Inc ES9080 Datasheet HTML 6Page - ESS Technology,Inc ES9080 Datasheet HTML 7Page - ESS Technology,Inc ES9080 Datasheet HTML 8Page - ESS Technology,Inc ES9080 Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 146 page
background image
Analog Reinvented
ES9080
32-bit High-Performance 8-Channel DAC
Product Datasheet
+120dB DNR per channel w/DRE
-108dB THD+N per channel
Unprecedented dynamic range and ultra-low distortion
High Sample Rates
Support for up to PCM 768kHz & DSD512
8-channel DAC + Line Driver in 40-QFN
Reduced footprint and simplifies board layout
Multiple formats available
PCM, TDM, DSD, DoP, with support for S/PDIF output
Customizable filter characteristics
5 preset filters, with de-emphasis 32kHz, 44.1kHz & 48kHz filters
I2C interface control
Configured by microcontroller or other I2C source
Integrated low noise DAC reference regulators
Reduced BOM cost, PCB area and improved DNR.
Dual PCM to SPDIF transcoding
Encode PCM data into SPDIF format
Low Pin Count Standardized Packaging
5mm x 5mm, 40 pin QFN
2Vrms Integrated Line Driver
Reduces BOM costs w/o required external amplifier required for line driver levels
APPLICATIONS
• Media Streamer Applications
• Audio Receivers
• Gaming Motherboards
• Professional Audio Equipment
The Sabre ES9080 High Performance Audio DAC is a 32-Bit, 8-channel audio DAC that brings professional, digital audio quality to
the consumer home entertainment market.
Using ESS’ patented HyperStream® II architecture, the Sabre ES9080 delivers studio quality audio with 120dB DNR and –108dB
THD+N to digital audio applications such as media streaming.
With the integrated line drivers, the ES9080 reduces BOM costs by eliminating the need for external amplifier to produce a line level
2Vrms output.
The Sabre® ES9080 flexible input architecture accepts up to serial 32 bit serial PCM data to 768kHz sample rate & DSD512. The
ES9080 also has a 2 S/PDIF outputs which supports up to 192k @ 24 bits for a PCM to S/PDIF solution.
The Sabre Premier DAC sets a new standard for high-quality audio performance in a cost-effective, compact, easy to use form
factor for today’s most demanding digital audio applications.
Feature
Description


Similar Part No. - ES9080

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9006S ESS-ES9006S Datasheet
479Kb / 2P
Highest Performance Audio DAC
ES9008 ESS-ES9008 Datasheet
479Kb / 2P
Highest Performance Audio DAC
ES9008S ESS-ES9008S Datasheet
479Kb / 2P
Highest Performance Audio DAC
ES9010K2M ESS-ES9010K2M Datasheet
48Kb / 2P
Premier Stereo Mobile Audio DAC
ES9012 ESS-ES9012 Datasheet
276Kb / 2P
32-bit Hyperstream??Audio DAC
More results

Similar Description - ES9080

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4397 AKM-AK4397 Datasheet
530Kb / 37P
High Performance Premium 32-Bit DAC
AK4399 AKM-AK4399 Datasheet
660Kb / 41P
High Performance 123dB Premium 32-Bit DAC
AK4392 AKM-AK4392 Datasheet
565Kb / 41P
High Performance 120dB Premium 32-Bit DAC
AK4480 AKM-AK4480 Datasheet
575Kb / 44P
High Performance 114dB 32-Bit DAC
AK4414EQ AKM-AK4414EQ Datasheet
861Kb / 51P
High Performance 120dB 32-Bit 4ch DAC
logo
ESS Technology,Inc
ES9016S ESS-ES9016S Datasheet
69Kb / 2P
Ultra 32-bit 8-Channel Audio DAC
logo
Cirrus Logic
CS4399 CIRRUS-CS4399 Datasheet
2Mb / 111P
130-dB, 32-Bit High-Performance DAC
logo
ESS Technology,Inc
ES9027PRO ESS-ES9027PRO Datasheet
1Mb / 89P
32-bit High-Performance 8-Channel DAC
November 17, 2022
ES9033 ESS-ES9033 Datasheet
1Mb / 103P
32-bit High-Performance 2-Channel DAC with Line Drivers
April 20, 2022
ES9039MPRO ESS-ES9039MPRO Datasheet
1Mb / 95P
32-bit High-Performance 8-Channel DAC
Sept, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com