Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9080 Datasheet(PDF) 72 Page - ESS Technology,Inc

Part # ES9080
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080 Datasheet(HTML) 72 Page - ESS Technology,Inc

Back Button ES9080 Datasheet HTML 68Page - ESS Technology,Inc ES9080 Datasheet HTML 69Page - ESS Technology,Inc ES9080 Datasheet HTML 70Page - ESS Technology,Inc ES9080 Datasheet HTML 71Page - ESS Technology,Inc ES9080 Datasheet HTML 72Page - ESS Technology,Inc ES9080 Datasheet HTML 73Page - ESS Technology,Inc ES9080 Datasheet HTML 74Page - ESS Technology,Inc ES9080 Datasheet HTML 75Page - ESS Technology,Inc ES9080 Datasheet HTML 76Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ES9080 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
72
Register 59-58: GPIO INVERT AND OUTPUT LOGIC
Bits
[15]
[14]
[13]
[12]
[11]
[10]
[9:6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
1'b1
1'b1
1'b1
1'b0
1'b0
1'b0
4'd0
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[15]
GPIO_OR_SS_RAMP
When GPIOx_CFG=14 (output soft ramp done flag):
•
1'b0: The soft ramp done flag is determined by
GPIO_AND_SS_RAMP and GPIO_SEL
•
1'b1: The soft ramp done flag is the "OR" of all 8ch
soft ramp done flags (default)
[14]
GPIO_OR_VOL_MIN
When GPIOx_CFG=12 (output vol_min flag):
•
1'b0: The vol_min flag is determined by
GPIO_AND_VOL_MIN and GPIO_SEL
•
1'b1: The vol_min flag is the "OR" of all 8ch vol_min
flags (default)
[13]
GPIO_OR_AUTOMUTE
When GPIOx_CFG=13 (output automute status):
•
1'b0: The automute status is determined by
GPIO_AND_AUTOMUTE and GPIO_SEL
•
1'b1: The automute status is the "OR" of all 8ch
automute status (default)
[12]
GPIO_AND_SS_RAMP
When GPIOx_CFG=14 (output soft ramp done flag) and
GPIO_OR_SS_RAMP is not set:
•
1'b0: The soft ramp done flag is from a single channel
selected by GPIO_SEL (default)
•
1'b1: The soft ramp done flag is the "AND" of all 8ch
soft ramp done flags
[11]
GPIO_AND_VOL_MIN
When GPIOx_CFG=12 (output vol_min flag) and
GPIO_OR_VOL_MIN is not set:
•
1'b0: The vol_min flag is from a single channel
selected by GPIO_SEL (default)
•
1'b1: The vol_min flag is the "AND" of all 8ch vol_min
flags
[10]
GPIO_AND_AUTOMUTE
When GPIOx_CFG=13 (output automute status) and
GPIO_OR_AUTOMUTE is not set:
•
1'b0: The automute status is from a single channel
selected by GPIO_SEL (default)
•
1'b1: The automute status is the "AND" of all 8ch
automute status
[9:6]
RESERVED
NA
[5]
INVERT_GPIO6
Inverts GPIO6 output.
•
1’b0: not inverted
•
1’b1: inverted
[4]
INVERT_GPIO5
Inverts GPIO5 output.
•
1’b0: not inverted
•
1’b1: inverted
[3]
INVERT_GPIO4
Inverts GPIO4 output.
•
1’b0: not inverted
•
1’b1: inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com