Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9080 Datasheet(PDF) 89 Page - ESS Technology,Inc

Part # ES9080
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080 Datasheet(HTML) 89 Page - ESS Technology,Inc

Back Button ES9080 Datasheet HTML 85Page - ESS Technology,Inc ES9080 Datasheet HTML 86Page - ESS Technology,Inc ES9080 Datasheet HTML 87Page - ESS Technology,Inc ES9080 Datasheet HTML 88Page - ESS Technology,Inc ES9080 Datasheet HTML 89Page - ESS Technology,Inc ES9080 Datasheet HTML 90Page - ESS Technology,Inc ES9080 Datasheet HTML 91Page - ESS Technology,Inc ES9080 Datasheet HTML 92Page - ESS Technology,Inc ES9080 Datasheet HTML 93Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
89
ES9080 Product Datasheet
Register 99: VOLUME6
Bits
[7:0]
Default
8'd0
Bits
Mnemonic
Description
[7:0]
VOLUME6
DAC ch6 volume. -0dB to -127.5dB 0.5dB steps.
•
8'd0: 0dB
•
8'd255: -127.5 dB
Register 100: VOLUME7
Bits
[7:0]
Default
8'd0
Bits
Mnemonic
Description
[7:0]
VOLUME7
DAC ch7 volume. -0dB to -127.5dB 0.5dB steps.
•
8'd0: 0dB
•
8'd255: -127.5 dB
Register 101: VOLUME8
Bits
[7:0]
Default
8'd0
Bits
Mnemonic
Description
[7:0]
VOLUME8
DAC ch8 volume. -0dB to -127.5dB 0.5dB steps.
•
8'd0: 0dB
•
8'd255: -127.5 dB
Register 102: DAC VOL UP RATE
Bits
[7:0]
Default
8'd150
Bits
Mnemonic
Description
[7:0]
DAC_VOL_RATE_UP
Value by which the old VOLUME value is incremented to
reach the new VOLUME value.
Valid from 8’d1 (slowest) to 8’d255 (fastest), where 8’d0
instantly changes the VOLUME value.
Calculation of time ramp rate (in seconds):
2^14/(DAC_VOL_RATE_UP*FS)
•
8’d0 : Instant change
•
8’d150: Default
•
8’d255: Fastest change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com