Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9080 Datasheet(PDF) 45 Page - ESS Technology,Inc

Part # ES9080
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080 Datasheet(HTML) 45 Page - ESS Technology,Inc

Back Button ES9080 Datasheet HTML 41Page - ESS Technology,Inc ES9080 Datasheet HTML 42Page - ESS Technology,Inc ES9080 Datasheet HTML 43Page - ESS Technology,Inc ES9080 Datasheet HTML 44Page - ESS Technology,Inc ES9080 Datasheet HTML 45Page - ESS Technology,Inc ES9080 Datasheet HTML 46Page - ESS Technology,Inc ES9080 Datasheet HTML 47Page - ESS Technology,Inc ES9080 Datasheet HTML 48Page - ESS Technology,Inc ES9080 Datasheet HTML 49Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
45
ES9080 Product Datasheet
Register Listings
Some RESERVED registers do not default to 0x00 and should not be modified for normal operation. If the value of the reserved registers is changed
from the default state, it will be noted.
System Registers
Register 0: SYSTEM CONFIG
Bits
Mnemonic
Description
[7]
SOFT_RESET
Performs soft reset to digital core except for the PLL
Registers.
•
1'b0: Disabled (default)
•
1'b1: Enabled
[6]
ENABLE_2X_MODE
Enables 2x mode for 768k sample rate.
•
1'b0: 2x mode disabled (default)
•
1'b1: 2x mode enabled
[5:2]
RESERVED
NA
[1]
AMP_MODE_REG
System mode settings.
•
1'b0: Power Down (default)
•
1'b1: HIFI
[0]
RESERVED
NA
Bits
[7]
[6]
[5:2]
[1]
[0]
Default
1'b0
1'b0
4'b0000
1'b0
1'b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com