Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9080 Datasheet(PDF) 82 Page - ESS Technology,Inc

Part # ES9080
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080 Datasheet(HTML) 82 Page - ESS Technology,Inc

Back Button ES9080 Datasheet HTML 78Page - ESS Technology,Inc ES9080 Datasheet HTML 79Page - ESS Technology,Inc ES9080 Datasheet HTML 80Page - ESS Technology,Inc ES9080 Datasheet HTML 81Page - ESS Technology,Inc ES9080 Datasheet HTML 82Page - ESS Technology,Inc ES9080 Datasheet HTML 83Page - ESS Technology,Inc ES9080 Datasheet HTML 84Page - ESS Technology,Inc ES9080 Datasheet HTML 85Page - ESS Technology,Inc ES9080 Datasheet HTML 86Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ES9080 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
82
Register 80: TDM CONFIG2
Bits
[7]
[6]
[5:0]
Default
1'b0
1'b0
6'd1
Bits
Mnemonic
Description
[7]
TDM_LJ_MODE
TDM LJ mode.
•
1'b0: Standard I2S (default)
•
1'b1: LJ mode
[6]
TDM_VALID_EDGE
TDM WS valid edge.
•
1'b0: negative edge (default)
•
1'b1: positive edge
[5:0]
TDM_VALID_PULSE_LEN
Data valid pulse length adjustment
If using 8 or more TDM channels, Set to “8”, else default value
Register 81: TDM CONFIG3
Bits
[7:6]
[5]
[4:0]
Default
2'd0
1'b0
5'd0
Bits
Mnemonic
Description
[7:6]
TDM_BIT_WIDTH
Bit width of each TDM slot.
•
2'b00: 32-bit (default)
•
2'b01: 24-bit
•
2'b10: 16-bit
•
2'b11: Reserved
[5]
TDM_CHAIN_MODE
TDM daisy chain mode.
•
1'b0: Disable (default)
•
1'b1: Enable chain mode
[4:0]
TDM_DATA_LATCH_ADJ
Sets the position of the start bit within each TDM slot
…Can be moved +ve or -ve relative to MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com