Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9080 Datasheet(PDF) 11 Page - ESS Technology,Inc

Part # ES9080
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080 Datasheet(HTML) 11 Page - ESS Technology,Inc

Back Button ES9080 Datasheet HTML 7Page - ESS Technology,Inc ES9080 Datasheet HTML 8Page - ESS Technology,Inc ES9080 Datasheet HTML 9Page - ESS Technology,Inc ES9080 Datasheet HTML 10Page - ESS Technology,Inc ES9080 Datasheet HTML 11Page - ESS Technology,Inc ES9080 Datasheet HTML 12Page - ESS Technology,Inc ES9080 Datasheet HTML 13Page - ESS Technology,Inc ES9080 Datasheet HTML 14Page - ESS Technology,Inc ES9080 Datasheet HTML 15Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
11
ES9080 Product Datasheet
Soft Mute
When Mute is asserted the digital signal level will be smoothly ramped to minimum. When Mute is de-asserted the digital signal level will ramp back
up to the set volume levels. Asserting Mute will not change the value stored in the volume control register. The volume level and ramp rate are
controlled through the Volume Control Registers.
Mute can be engaged through either the automute feature or by setting the mute bits for any individual channel through the MUTE CTRL register.
Volume Control Registers
•
Registers 94-101: VOLUMEx
•
Register 102: DAC VOL UP RATE
•
Register 103: DAC VOL DOWN RATE
•
Register 104: DAC VOL DOWN RATE FAST
Mute Control Registers
•
Register 106: MUTE_CTRL
Automute
Automute is disabled by default and is triggered when any one of the following conditions are met:
Mode
Detection Condition
Time
PCM
Data is lower than automute_level for
longer than the automute_time
2^18
(������������������������������������������������_������������������������ ∗ ������������)
DoP
DSD data contains an equal number of 1s
and 0s in any 8 consecutive bits of data
2^18
(������������������������������������������������_������������������������ ∗ ������������������������)
Table 2 - Automute configuration
The automute feature is enabled for each channel individually through the AUTOMUTE ENABLE register. The thresholds that trigger and disable
automute can be configured through the AUTOMUTE LEVEL and AUTOMUTE OFF LEVEL registers.
Automute Configuration Registers
•
Register 119: AUTOMUTE ENABLE
•
Register 120-121: AUTOMUTE TIME
•
Register 122-123: AUTOMUTE LEVEL
•
Register 124-125: AUTOMUTE OFF LEVEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com