Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9080 Datasheet(PDF) 30 Page - ESS Technology,Inc

Part # ES9080
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080 Datasheet(HTML) 30 Page - ESS Technology,Inc

Back Button ES9080 Datasheet HTML 26Page - ESS Technology,Inc ES9080 Datasheet HTML 27Page - ESS Technology,Inc ES9080 Datasheet HTML 28Page - ESS Technology,Inc ES9080 Datasheet HTML 29Page - ESS Technology,Inc ES9080 Datasheet HTML 30Page - ESS Technology,Inc ES9080 Datasheet HTML 31Page - ESS Technology,Inc ES9080 Datasheet HTML 32Page - ESS Technology,Inc ES9080 Datasheet HTML 33Page - ESS Technology,Inc ES9080 Datasheet HTML 34Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ES9080 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
30
Table 12 provides some general configurations for the PLL:
Bits
Sample
Rate
[kHz]
BCLK
[MHz]
Register 200-202
[9:1]:
PLL_CLK_IN_DIV
VCO
Frequency
[MHz]
Register 197-199
[23:0]:
PLL_CLK_FB_DIV
Register 200-202
[18:10]:
PLL_CLK_OUT_DIV
F_OUT
[MHz]
FS = 44.1kHz
32
352.8
22.5792
(64FS)
8
90.3168
0x100000
2
45.1584
176.4
11.2896
(64FS)
4
90.3168
0x100000
2
45.1584
88.2
5.6448
(64FS)
2
90.3168
0x100000
2
45.1584
44.1
2.8224
(64FS)
2
90.3168
0x080000
2
45.1584
24
352.8
16.9344
(48FS)
6
90.3168
0x100000
2
45.1584
176.4
8.4672
(48FS)
3
90.3168
0x100000
2
45.1584
88.2
4.2336
(48FS)
3
90.3168
0x080000
2
45.1584
44.1
2.1168
(48FS)
3
90.3168
0x040000
2
45.1584
FS = 48kHz
32
384
24.576
(64FS)
8
98.304
0x100000
2
49.152
192
12.288
(64FS)
4
98.304
0x100000
2
49.152
96
6.144
(64FS)
4
98.304
0x080000
2
49.152
48
3.072
(64FS)
2
98.304
0x080000
2
49.152
24
384
18.432
(48FS)
6
98.304
0x100000
2
49.152
192
9.216
(48FS)
3
98.304
0x100000
2
49.152
96
4.608
(48FS)
3
98.304
0x080000
2
49.152
48
2.304
(48FS)
3
98.304
0x040000
2
49.152
Table 12 – General PLL Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com