Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9080 Datasheet(PDF) 87 Page - ESS Technology,Inc

Part # ES9080
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080 Datasheet(HTML) 87 Page - ESS Technology,Inc

Back Button ES9080 Datasheet HTML 83Page - ESS Technology,Inc ES9080 Datasheet HTML 84Page - ESS Technology,Inc ES9080 Datasheet HTML 85Page - ESS Technology,Inc ES9080 Datasheet HTML 86Page - ESS Technology,Inc ES9080 Datasheet HTML 87Page - ESS Technology,Inc ES9080 Datasheet HTML 88Page - ESS Technology,Inc ES9080 Datasheet HTML 89Page - ESS Technology,Inc ES9080 Datasheet HTML 90Page - ESS Technology,Inc ES9080 Datasheet HTML 91Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
87
ES9080 Product Datasheet
Register 92: RESYNC CONFIG
Bits
[7:5]
[4]
[3]
[2]
[1]
[0]
Default
3'd0
1'b0
1'b0
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[7:5]
RESERVED
NA
[4]
SYNC_DAC_CLK_DIV
Controls clock divider reset on negative edge of WS.
•
1’b1: Clock divider will be reset at every negative edge
of WS
•
1’b0: Disable the FIR_RESYNC reset
Note: If reset the SYNC_DAC_CLK_DIV (ie 1’b1), toggle this
bit before setting any other RESYNC bits [3:0]
[3]
DOP_CLK_RESYNC
Controls Dop clock divider reset on negative edge of WS.
•
1’b1: Clock divider will be reset at every negative edge
of WS
•
1’b0: Disable the FIR_RESYNC reset
[2]
VOL_THD_RESYNC
Controls Volume-THD block reset on negative edge of WS.
•
1’b1: DoP clock generator will be reset at every
negative edge of WS
•
1’b0: Disable the DOP_CLK_RESYNC reset
[1]
FIR_RESYNC
Controls FIR filters reset on negative edge of WS.
•
1’b1: FIR filters will be reset at every negative edge of
WS
•
1’b0: Disable the FIR_RESYNC reset
[0]
FS_RESYNC
Controls FS clock generator reset on negative edge of WS.
•
1’b1: FS clock generator will be reset at every
negative edge of WS
•
1’b0: Disable the FS_RESYNC reset
Register 93: RESERVED
Register 94: VOLUME1
Bits
[7:0]
Default
8'd0
Bits
Mnemonic
Description
[7:0]
VOLUME1
DAC ch1 volume. -0dB to -127.5dB 0.5dB steps.
•
8'd0: 0dB
•
8'd255: -127.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com