Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8746SEDS/R Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8746SEDS/R
Description  24-bit, 192kHz 6-Channel DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746SEDS/R Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8746SEDS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
WM8746
Production Data
w
March 2006, PD Rev 4.0
10
DEVICE DESCRIPTION
INTRODUCTION
WM8746 is a complete 6-channel stereo audio digital-to-analogue converter, including digital
interpolation filter, multi-bit sigma delta with dither, and switched capacitor multi-bit stereo DAC and
output smoothing filters.
The device is implemented as three separate stereo DACs in a single package and controlled by a
single interface. Each DAC has its own data input DIN0/1/2, and LRCIN, BCKIN and SCKI are
shared between them. An additional LRCIN2 input is provided to allow for the front channels in a
surround system to be run at higher sample rate than the other 4 channels (ie. 192kHz for front
channels and 96kHz). In this mode the same SCKI is used for all channels, the front channels being
run at twice the over-sampling rate of the other channels.
Control of internal functionality of the device is by either hardware control (pin programmed) or
software control (3-wire serial control interface). The MODE pin selects between hardware and
software control. In software control mode, an SPI type interface is used. This interface may be
asynchronous to the audio data interface. Control data will be re-synchronised to the audio
processing internally.
Operation using a system clock of 256fs, 384fs, 512fs or 768fs is provided, selection between clock
rates being automatically detected. Sample rates (fs) from less than 8kHz to 96kHz are allowed,
provided the appropriate system clock is input. Support is also provided for up to 192kHz using a
system clock of 128fs or 192fs.
The audio data interface supports right, left and I
2S interface formats along with a highly flexible DSP
serial port interface. When in hardware mode, the three serial interface pins become control pins to
allow selection of input data format type (I
2S or right justified), input word length (16, 20, 24, or 32-bit)
and de-emphasis functions.
AUDIO DATA SAMPLING RATES
In a typical digital audio system there is only one central clock source producing a reference clock to
which all audio data processing is synchronised. This clock is often referred to as the audio system’s
Master Clock. The external master system clock can be applied directly through the SCKI input pin
with no software configuration necessary. Note that on the WM8746, SCKI is used to derive clocks
for the DAC path. The DAC path consists of DAC sampling clock, DAC digital filter clock and DAC
digital audio interface timing. In a system where there are a number of possible sources for the
reference clock it is recommended that the clock source with the lowest jitter be used to optimise the
performance of the DAC.
The system clock for WM8746 supports audio sampling rates from 128fs to 768fs, where fs is the
audio sampling frequency (LRCIN) typically 32kHz, 44.1kHz, 48kHz, 96kHz or 192kHz. The system
clock is used to operate the digital filters and the noise shaping circuits.
The WM8746 has a system clock detection circuit that automatically determines the relationship
between the system clock frequency and the sampling rate (to within +/- 32 system clocks). If greater
than 32 clocks error, the interface defaults to 768fs and maintains the output level at the last sample.
The system clock should be synchronised with LRCIN, although the WM8746 is tolerant of phase
differences or jitter on this clock. Table 4 shows the typical system clock frequency inputs for the
WM8746.
SYSTEM CLOCK FREQUENCY (MHZ)
SAMPLING
RATE (FS)
(LRCIN)
128fs
192fs
256fs
384fs
512fs
768fs
32kHz
4.096
6.144
8.192
12.288
16.384
24.576
44.1kHz
5.6448
8.467
11.2896
16.9340
22.5792
33.8688
48kHz
6.144
9.216
12.288
18.432
24.576
36.864
96kHz
12.288
18.432
24.576
36.864
Unavailable
Unavailable
192kHz
24.576
36.864
Unavailable
Unavailable
Unavailable
Unavailable
Table 4 System Clock Frequencies Versus Sampling Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com