Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8746SEDS/R Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8746SEDS/R
Description  24-bit, 192kHz 6-Channel DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746SEDS/R Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8746SEDS/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 27Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 28Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 31Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 32Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
WM8746
Production Data
w
March 2006, PD Rev 4.0
28
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
Figure 24 External Components Diagram
RECOMMENDED EXTERNAL COMPONENTS VALUES
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1 and C5
10
µF
De-coupling for DVDD and AVDD1.
C2 to C4
0.1
µF
De-coupling for DVDD and AVDD1.
C6 to C11
10
µF
Output AC coupling caps to remove midrail DC level from outputs.
C12
0.1
µF
C13
10
µF
Reference de-coupling capacitors for CAP pin.
C14
10
µF
Filtering for AVDD2. Omit if AVDD low noise.
R1
33Ω
Filtering for AVDD2. Use 0Ω if AVDD low noise.
Table 15 External Components Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com