Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8746SEDS/R Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8746SEDS/R
Description  24-bit, 192kHz 6-Channel DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746SEDS/R Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8746SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
WM8746
Production Data
w
March 2006, PD Rev 4.0
21
HARDWARE CONTROL MODES
When the MODE pin is held high the following hardware modes of operation are available.
MUTE AND AUTOMUTE OPERATION
Pin 9 (MUTE) controls selection of MUTE directly, and can be used to enable and disable the
automute function, or as an output of the automuted signal.
AUTOMUTED (Internal
Signal)
10k
Ω
Ω
Ω
Ω
SOFTMUTE
(Internal
Signal)
MUTE
PIN
Figure 12 Mute Circuit Operation
The MUTE pin behaves as a bi-directional function, that is, as an input to select MUTE or NOT-
MUTE, or as an output indication of automute operation. MUTE is active high; taking the pin high
causes the filters to soft mute, ramping down the audio signal over a few milliseconds. Taking MUTE
low again allows data into the filter.
The automute function detects a series of zero value audio samples of 1024 samples long being
applied to all 6 channels. After such an event, a latch is set whose output (AUTOMUTED) is wire
OR’ed through a 10kohm resistor to the MUTE pin. Thus if the MUTE pin is not being driven, the
automute function will assert MUTE.
If MUTE is tied low, AUTOMUTED is overridden and will not mute. If MUTE is driven from a source
follower, or diode, then both MUTE and automute functions are available. If MUTE is not driven,
AUTOMUTED appears as a weak output (10k source impedance) so can be used to drive external
mute circuits.
ML/I2S AND MC/IWL INPUT FORMAT SELECTION
In hardware mode, pins 12 and 13 become input controls for selection of input data format type and
input data word length, see Table 5. I
2S mode is designed to support any word length provided
enough bit clocks are sent.
ML/I2S
MC/IWL
INPUT DATA MODE
0
0
16-bit right justified
0
1
20-bit right justified
1
0
24-bit right justified
1
1
I
2S mode
Table 9 Control of Input Data Format Type and Input Data Word Length
MD/DM DE-EMPHASIS
In hardware mode, pin 14 becomes an input control for selection of de-emphasis filtering to be
applied. See Table 5.
MD/DM
DE-EMPHASIS MODE
0
De-emphasis off
1
De-emphasis on
Table 10 De-emphasis Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com