Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8746SEDS/R Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8746SEDS/R
Description  24-bit, 192kHz 6-Channel DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746SEDS/R Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8746SEDS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
WM8746
Production Data
w
March 2006, PD Rev 4.0
15
SOFTWARE CONTROL MODES
DIGITAL AUDIO INTERFACE CONTROL REGISTERS
Interface format is selected via the FMT[1:0] register bits:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000011
Interface Control
1:0
FMT[1:0]
00
Interface format Select
00 : right justified mode
01: left justified mode
10: I
2S mode
11: DSP mode A or B
In left justified, right justified or I
2S modes, the LRP register bit controls the polarity of LRCIN. If this
bit is set high, the expected polarity of LRCIN will be the opposite of that shown Figure 4, Figure 5
and Figure 6. Note that if this feature is used as a means of swapping the left and right channels, a 1
sample phase difference will be introduced.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000011
Interface Control
2
LRP
0
LRCIN Polarity
0 : normal LRCIN polarity
1: inverted LRCIN polarity
In DSP modes, the LRCIN register bit is used to select between early and late modes:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000011
Interface Control
2
LRP
0
DSP Format
0: Mode A
1: Mode B
By default, LRCIN and DIN0/1/2 are sampled on the rising edge of BCKIN and should ideally change
on the falling edge. Data sources which change LRCIN and DIN0/1/2 on the rising edge of BCKIN
can be supported by setting the BCP register bit. Setting BCP to 1 inverts the polarity of BCKIN to
the inverse of that shown in Figure 4, Figure 5, Figure 6, Figure 7 and Figure 8.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000011
Interface Control
3
BCP
0
BCKIN Polarity
0 : normal BCKIN polarity
1: inverted BCKIN polarity
The IWL[1:0] bits are used to control the input word length.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000011
Interface Control
5:4
IWL[1:0]
10
Input Word Length
00 : 16 bit data
01: 20 bit data
10: 24 bit data
11: 32 bit data
Note: If 32-bit mode is selected in right justified mode, the WM8746 defaults to 24 bits.
In all modes, the data is signed 2's complement. The digital filters always input 24-bit data. If the
DAC is programmed to receive 16 or 20 bit data, the WM8746 pads the unused LSBs with zeros. If
the DAC is programmed into 32 bit mode, the 8 LSBs are ignored.
The PHASE bits control the orientation of the data output of the three stereo channels. By default all
the channels are non-inverting.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000011
Interface Control
8:6
PHASE
000
Output phase direction
1 in bit 6 reverses OUT0L/R.
1 in bit 7 reverses OUT1L/R.
1 in bit 8 reverses OUT2L/R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com