Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8746SEDS/R Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8746SEDS/R
Description  24-bit, 192kHz 6-Channel DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746SEDS/R Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8746SEDS/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 27Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 28Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 31Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 32Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
WM8746
Production Data
w
March 2006, PD Rev 4.0
29
DECOUPLING APPLICATIONS INFORMATION
SUPPLY PINS DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
DVDD
Supply
Digital Positive Supply.
11
DGND
Supply
Digital GND
15
AVDD2
Supply
Analogue Positive DAC Reference
16
CAP
Analogue output
Analogue Internal Mid-Rail Reference De-Coupling Point
20
AGND1
Supply
Analogue GND
24
AGND2
Supply
Analogue GND
28
AVDD1
Supply
Analogue VDD
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue supply current
AVDD = 5V
58
mA
Digital supply current
DVDD = 5V
22
mA
Analogue supply current
AVDD = 3.3V
57
mA
Digital supply current
DVDD = 3.3V
11
mA
For proper decoupling, 0.1µF surface-mount ceramic capacitors are recommended for AVDD1,
AVDD2, DVDD and CAP. Also recommended are 10µF capacitors for AVDD, DVDD and CAP.
These are a general guideline and are dependent on the amount of noise present in the system.
If there is excessive noise on the supply, such as may be present in a commercial DVD receiver with
motors and switching amplifiers, additional filtering will be required. The supply AVDD2 is the
reference voltage for the DAC. It has no supply noise rejection, so any noise on this pin will affect the
DAC outputs. There is not much current drawn on this supply pin. Supply AVDD1 does have supply
rejection and draws most of the analogue supply current.
DECOUPLING EXAMPLES
Figure 25 Decoupling Example 1
In Figure 25, there is a single analogue supply that is fairly noisy. The AVDD1 and DVDD pins can
tolerate this, but the AVDD2 needs additional filtering. The schematic illustrates a suitable solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com