Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8746SEDS/R Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8746SEDS/R
Description  24-bit, 192kHz 6-Channel DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746SEDS/R Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8746SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 27Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
WM8746
Production Data
w
March 2006, PD Rev 4.0
24
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
MUTE
0
Left and Right DACs soft mute control
0: No Mute
1: Mute
1
DEEMPH
0
De-emphasis Control
0: Normal Response (see Figure 14 - Figure 17)
1: De-emphasis Response (see Figure 18 - Figure 23)
2
PWDN
0
Left and Right DACs Power-down Control
0: All DACs running, output is active
1: All DACs in power saving mode, output muted
3
ATC
0
Attenuator Control
0: All DACs use attenuations as programmed.
1: Right chan. DACs use corresponding left DAC attenuations
4
IZD
0
Infinite zero detection circuit control and automute control
0: Infinite zero detect disabled
1: Infinite zero detect enabled
DAC Output Control
PL[3:0]
Left
Output
Right
Output
PL[3:0]
Left
Output
Right
Output
0000
Mute
Mute
1000
Mute
Right
0001
Left
Mute
1001
Left
Right
0010
Right
Mute
1010
Right
Right
0011
(L+R)/2
Mute
1011
(L+R)/2
Right
0100
Mute
Left
1100
Mute
(L+R)/2
0101
Left
Left
1101
Left
(L+R)/2
0110
Right
Left
1110
Right
(L+R)/2
0000010
DAC Control
8:5
PL[3:0]
1001
0111
(L+R)/2
Left
1111
(L+R)/2
(L+R)/2
1:0
FMT[1:0]
00
Interface format select
00: right justified mode
01: left justified mode
10: I
2S mode
11: DSP Mode A or B
LRCIN Polarity or LRCIN Phase
2
LRP
0
Left Justified / Right Justified / I
2S
0: Standard LRCIN Polarity
1: Inverted LRCIN Polarity
DSP Mode
0: DSP Mode A
1: DSP Mode B
3
BCP
0
BCKIN Polarity
0: Normal (DIN[2:0] and LRCIN sampled on rising edge)
1: Inverted (DIN[2:0] and LRCIN sampled on falling edge)
5:4
WL[1:0]
10
Input Word Length
00: 16-bit Mode
01: 20-bit Mode
10: 24-bit Mode
11: 32-bit Mode (not supported in right justified mode)
0000011
Interface
Control
8:6
PHASE
000
Controls the output phase of the three stereo channels
Bit 6 reverses the phase of data output on OUT0L/R.
Bit 7 reverses the phase of data output on OUT1L/R.
Bit 8 reverses the phase of data output on OUT2L/R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com