Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8746SEDS/R Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8746SEDS/R
Description  24-bit, 192kHz 6-Channel DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746SEDS/R Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8746SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
WM8746
Production Data
w
March 2006, PD Rev 4.0
22
SOFTWARE CONTROL INTERFACE
The software control interface uses a 3-wire serial control interface. Selection of interface format is
achieved by setting the state of the MODE pin.
MODE
INTERFACE FORMAT
0
Software Control Mode
1
Hardware Control Mode
Table 11 Control Interface Mode Selection
3-WIRE (SPI COMPATIBLE) SERIAL CONTROL MODE
The WM8746 can be controlled using a 3-wire serial interface. MD/DM is used for the program data,
MC/IWL is used to clock in the program data and ML/I2S is use to latch in the program data. The 3-
wire interface protocol is shown in Figure 13.
ML/I2S
MC/IWL
MD/DM
D6
D7
D8
A0
A1
A2
A3
A4
D1
D2
D3
D4
D5
D0
A5
A6
Figure 13 3-wire Serial Interface
Notes:
1.
A[6:0] are Control Address Bits
2.
D[8:0] are Control Data Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com