Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8746SEDS/R Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8746SEDS/R
Description  24-bit, 192kHz 6-Channel DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746SEDS/R Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8746SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
WM8746
Production Data
w
March 2006, PD Rev 4.0
20
DAC OUTPUT ATTENUATION
Register bits [7:0] of L0A and R0A control the left and right channel attenuation of DAC 0. Register
bits [7:0] of L1A and R1A control the left and right channel attenuation of DAC 1. Register bits [7:0] of
L2A and R2B control the left and right channel attenuation of DAC 2. Register bits [7:0] of MASTA
are a register that can be used to control attenuation of all channels.
Table 8 shows how the attenuation levels are selected from the 8-bit words.
XA[7:0]
ATTENUATION LEVEL
00(hex)
-
∞dB (mute)
01(hex)
-127.5dB
:
:
:
:
:
:
FE(hex)
-0.5dB
FF(hex)
0dB
Table 8 Attenuation Control Levels
EXTENDED INTERFACE CONTROL
It is possible to run the WM8746 channels at different rates with the front two channels running at
twice the rate of the rear four channels. In this mode which is enabled by bit 0 of register 9, the
interface runs at the faster data rate but pin 10 (LRCIN2) acts as the framing LRCIN for the rear
channels see Figure 9.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001001
Split rate mode
0
2SPD
0
Activates the split rate mode
0: Normal operation
1: Split rate operation
When the WM8746 receives updates to the volume levels it will, by default, wait for the signal to pass
through the VCAP voltage level before applying the change to the output. This zero cross detect
function ensures that minimal distortion is seen on the output when the volume is changed and is
applied separately to each channel.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001001
Zero crossing detect
1
ZCD
0
Controls the ZCD
0: Enabled
1: Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com