Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8746SEDS/R Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8746SEDS/R
Description  24-bit, 192kHz 6-Channel DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746SEDS/R Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8746SEDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
WM8746
Production Data
w
March 2006, PD Rev 4.0
18
POWERDOWN MODE
Setting the PWDN register bit immediately connects all outputs to VCAP and selects a low power
mode. All trace of the previous input samples is removed, but all control register settings are
preserved. When PWDN is cleared again the first 16 input samples will be ignored as the FIR will
repeat it's power-on initialisation sequence.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000010
DAC Channel Control
2
PWDN
0
Power Down Mode Select:
0 : Normal Mode
1: Power Down Mode
ATTENUATOR CONTROL MODE
Setting the ATC register bit causes the left channel attenuation settings to be applied to both left and
right channels for all three pairs of DACs from the next audio input sample. No update to the
attenuation registers is required for ATC to take effect.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000010
DAC Channel Control
3
ATC
0
Attenuator Control Mode:
0 : Right channels use Right
attenuations
1:
Right Channels use Left
Attenuations
DAC OUTPUT CONTROL
The DAC output control word determines how the left and right inputs to the audio Interface are
applied to the left and right DACs:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
PL[3:0]
Left
Output
Right
Output
0000
Mute
Mute
0001
Left
Mute
0010
Right
Mute
0011
(L+R)/2
Mute
0100
Mute
Left
0101
Left
Left
0110
Right
Left
0111
(L+R)/2
Left
1000
Mute
Right
1001
Left
Right
1010
Right
Right
1011
(L+R)/2
Right
1100
Mute
(L+R)/2
1101
Left
(L+R)/2
1110
Right
(L+R)/2
0000010
DAC Control
8:5
PL[3:0]
1001
1111
(L+R)/2
(L+R)/2
Table 6 Input to Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com