Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8746SEDS/R Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8746SEDS/R
Description  24-bit, 192kHz 6-Channel DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746SEDS/R Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8746SEDS/R Datasheet HTML 1Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 2Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8746SEDS/R Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
w
WM8746
24-bit, 192kHz 6-Channel DAC with Volume Control
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, March 2006, Rev 4.0
Copyright
2006 Wolfson Microelectronics plc
DESCRIPTION
WM8746 is a high performance 6-channel DAC designed
for audio applications such as DVD, home theatre systems,
and digital TV. The WM8746 supports data input word
lengths from 16 to 32-bits and sampling rates up to 192kHz.
The WM8746 can convert up to 6 channels at sample rates
from 8 to 192kHz. Additionally WM8746 supports 2
channels
at
192kHz
and
4
channels
at
96kHz
simultaneously.
The WM8746 consists of a serial interface port, digital
interpolation filters, multi-bit sigma delta modulators and 6
DACs in a small 28-pin SSOP package. The WM8746 also
includes a digitally controllable mute and attenuator function
on each channel.
The WM8746 supports a variety of connection schemes for
audio DAC control. The serial control interface provides
access to a wide range of features including on-chip mute,
attenuation and phase reversal. A hardware controllable
interface is also available. It is pin-compatible with the
WM8736, (apart from RSTB pin which is typically unused).
The WM8746 is an ideal device to interface to AC-3
,
DTS
, and MPEG audio decoders for surround sound
applications, or for use in “universal” high definition audio
players supporting DVD-A formats.
FEATURES
•
6-Channel DAC
•
Audio Performance
−
106dB SNR (‘A’ weighted @ 48kHz) DAC
−
-95dB THD
•
DAC Sampling Frequency: 8kHz – 192kHz
•
3-Wire Serial Control Interface
•
Programmable Audio Data Interface Modes
−
I
2S, Left, Right Justified or DSP
−
16/20/24/32 bit Word Lengths
•
Independent Digital Volume Control on Each Channel with
127.5dB Range in 0.5dB Steps
•
3.0V – 5.5V Supply Operation
•
28-Pin SSOP Package
•
Exceeds Dolby Class A Performance Requirements
•
Pin Compatible with WM8736
APPLICATIONS
•
DVD and DVD ‘Universal’ Players
•
Home theatre systems
•
Digital broadcast receivers
BLOCK DIAGRAM
OUT0L
GR0
OUT0R
BCKIN
LRCIN
DIN0
DIN1
DIN2
Digital
Filter
Sigma
Delta
Modulator
Stereo
DAC
ML/I2S
MC/IWL
MD/DM
MODE
MUTE
SCKI
L0A[7:0]
R0A[7:0]
OUT1L
GR1
OUT1R
Digital
Filter
Sigma
Delta
Modulator
Stereo
DAC
L1A[7:0]
R1A[7:0]
OUT2L
GR2
OUT2R
Digital
Filter
Sigma
Delta
Modulator
Stereo
DAC
L2A[7:0]
R2A[7:0]
AUDIO
INTERFACE
DAC
CHANNEL
CONTROL
CONTROL
INTERFACE
CAP
AVDD2
AVDD1
AGND2
AGND1
DVDD
DGND
LRCIN2
WM8746


Similar Part No. - WM8746SEDS/R

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8746 WOLFSON-WM8746 Datasheet
265Kb / 31P
24BIT 192KHZ 6 CHANNEL DAC WITH VOLUME CONTROL
WM8746EDS WOLFSON-WM8746EDS Datasheet
265Kb / 31P
24BIT 192KHZ 6 CHANNEL DAC WITH VOLUME CONTROL
More results

Similar Description - WM8746SEDS/R

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706 Datasheet
237Kb / 24P
24-bit, 192kHz Stereo DAC with Volume Control
WM8736 WOLFSON-WM8736 Datasheet
138Kb / 17P
24-bit, 96kHz 6-Channel DAC with Volume Control
WM8746 WOLFSON-WM8746 Datasheet
265Kb / 31P
24BIT 192KHZ 6 CHANNEL DAC WITH VOLUME CONTROL
WM8772 WOLFSON-WM8772 Datasheet
678Kb / 70P
24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
WM8772 WOLFSON-WM8772_05 Datasheet
774Kb / 73P
24-bit, 192kHz 6-Channel Codec with Volume Control
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
24-bit, 192kHz Stereo DAC with Volume Control
logo
Cirrus Logic
WM8766 CIRRUS-WM8766 Datasheet
375Kb / 36P
24-bit, 192kHz 6-Channel DAC
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
24-bit, 192kHz Stereo DAC with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com