Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5130A-RDTUM Datasheet(PDF) 139 Page - ATMEL Corporation

Part # AT89C5130A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM Datasheet(HTML) 139 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 135Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 136Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 137Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 138Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 139Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 140Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 141Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 142Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 143Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 186 page
background image
139
AT89C5130A/31A-M
4337G–USB–11/06
Table 94.
USBIEN Register
USBIEN (S:BEh)
USB Global Interrupt Enable Register
Reset Value = 10h
Table 95.
USBADDR Register
USBADDR (S:C6h)
USB Address Register
Reset Value = 80h
765
43210
-
-
EWUPCPU
EEORINT
ESOFINT
-
-
ESPINT
Bit Number Bit Mnemonic Description
7-6
-
Reserved
The value read from these bits is always 0. Do not set these bits.
5EWUPCPU
Enable Wake Up CPU Interrupt
Set this bit to enable Wake Up CPU Interrupt. (See “USBIEN Register
USBIEN (S:BEh) USB Global Interrupt Enable Register” on page 139.)
Clear this bit to disable Wake Up CPU Interrupt.
4
EEORINT
Enable End Of Reset Interrupt
Set this bit to enable End Of Reset Interrupt. (See “USBIEN Register USBIEN
(S:BEh) USB Global Interrupt Enable Register” on page 139.). This bit is set
after reset.
Clear this bit to disable End Of Reset Interrupt.
3ESOFINT
Enable SOF Interrupt
Set this bit to enable SOF Interrupt. (See “USBIEN Register USBIEN (S:BEh)
USB Global Interrupt Enable Register” on page 139.).
Clear this bit to disable SOF Interrupt.
2-
Reserved
The value read from these bits is always 0. Do not set these bits.
1-
0ESPINT
Enable Suspend Interrupt
Set this bit to enable Suspend Interrupts (see the “USBIEN Register USBIEN
(S:BEh) USB Global Interrupt Enable Register” on page 139).
Clear this bit to disable Suspend Interrupts.
765
43210
FEN
UADD6
UADD5
UADD4
UADD3
UADD2
UADD1
UADD0
Bit Number
Bit
Mnemonic Description
7FEN
Function Enable
Set this bit to enable the address filtering function.
Cleared this bit to disable the function.
6-0
UADD[6:0]
USB Address
This field contains the default address (0) after power-up or USB bus reset.
It will be written with the value set by a SET_ADDRESS request received by the
device firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com