Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5130A-RDTUM Datasheet(PDF) 143 Page - ATMEL Corporation

Part # AT89C5130A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM Datasheet(HTML) 143 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 139Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 140Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 141Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 142Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 143Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 144Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 145Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 146Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 147Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 186 page
background image
143
AT89C5130A/31A-M
4337G–USB–11/06
Table 99.
UEPDATX Register
UEPDATX (S:CFh)
USB FIFO Data Endpoint X (X = EPNUM set in UEPNUM Register UEPNUM (S:C7h)
USB Endpoint Number)
Reset Value = XXh
Table 100.
UBYCTLX Register
UBYCTLX (S:E2h)
USB Byte Count Low Register X (X = EPNUM set in UEPNUM Register UEPNUM
(S:C7h) USB Endpoint Number)
Reset Value = 00h
765
43210
FDAT7
FDAT6
FDAT5
FDAT4
FDAT3
FDAT2
FDAT1
FDAT0
Bit Number
Bit
Mnemonic Description
7 - 0
FDAT[7:0]
Endpoint X FIFO data
Data byte to be written to FIFO or data byte to be read from the FIFO, for the
Endpoint X (see EPNUM).
765
43210
BYCT7
BYCT6
BYCT5
BYCT4
BYCT3
BYCT2
BYCT1
BYCT0
Bit Number
Bit
Mnemonic Description
7 - 0
BYCT[7:0]
Byte Count LSB
Least Significant Byte of the byte count of a received data packet. The most
significant part is provided by the UBYCTHX Register UBYCTHX (S:E3h) USB
Byte Count High Register X (X = EPNUM set in UEPNUM Register UEPNUM
(S:C7h) USB Endpoint Number) (see Figure 100 on page 143). This byte count is
equal to the number of data bytes received after the Data PID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com