Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5130A-RDTUM Datasheet(PDF) 141 Page - ATMEL Corporation

Part # AT89C5130A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM Datasheet(HTML) 141 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 137Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 138Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 139Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 140Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 141Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 142Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 143Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 144Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 145Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 186 page
background image
141
AT89C5130A/31A-M
4337G–USB–11/06
Table 97.
UEPCONX Register
UEPCONX (S:D4h)
USB Endpoint X Control Register
Note:
1. (X = EPNUM set in UEPNUM Register UEPNUM (S:C7h) USB Endpoint Number)
Reset Value = 80h when UEPNUM = 0 (default Control Endpoint)
Reset Value = 00h otherwise for all other endpoints
765
43210
EPEN
-
-
-
DTGL
EPDIR
EPTYPE1
EPTYPE0
Bit Number
Bit
Mnemonic
Description
7
EPEN
Endpoint Enable
Set this bit to enable the endpoint according to the device configuration.
Endpoint 0 will always be enabled after a hardware or USB bus reset and
participate in the device configuration.
Clear this bit to disable the endpoint according to the device configuration.
6-
Reserved
The value read from this bit is always 0. Do not set this bit.
5-
Reserved
The value read from this bit is always 0. Do not set this bit.
4-
Reserved
The value read from this bit is always 0. Do not set this bit.
3DTGL
Data Toggle (Read-only)
This bit is set by hardware when a valid DATA0 packet is received and
accepted.
This bit is cleared by hardware when a valid DATA1 packet is received and
accepted.
2EPDIR
Endpoint Direction
Set this bit to configure IN direction for Bulk, Interrupt and Isochronous
endpoints.
Clear this bit to configure OUT direction for Bulk, Interrupt and Isochronous
endpoints.
This bit has no effect for Control endpoints.
1-0
EPTYPE[1:0]
Endpoint Type
Set this field according to the endpoint configuration (Endpoint 0 will always be
configured as control):
00Control endpoint
01Isochronous endpoint
10Bulk endpoint
11Interrupt endpoint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com