Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P4 Datasheet(PDF) 34 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263P4 Datasheet(HTML) 34 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 30Page - Texas Instruments AM263P4 Datasheet HTML 31Page - Texas Instruments AM263P4 Datasheet HTML 32Page - Texas Instruments AM263P4 Datasheet HTML 33Page - Texas Instruments AM263P4 Datasheet HTML 34Page - Texas Instruments AM263P4 Datasheet HTML 35Page - Texas Instruments AM263P4 Datasheet HTML 36Page - Texas Instruments AM263P4 Datasheet HTML 37Page - Texas Instruments AM263P4 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 154 page
background image
Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S Packages) (continued)
ZCZ_C
BALL
NUMBER
[1]
ZCZ_S
BALL
NUMBER
[1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
C16
C16
PR0_PRU1_GPIO16
PR0_PRU1_GPIO16_CFG_REG
0x5310 01C4
0x0000 05F7
PR0_PRU1_GPIO16
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
MCAN5_RX
1
I
FSITX3_CLK
3
O
TRC_DATA10
4
O
GPIO113
7
IO
C15
C15
PR0_PRU1_GPIO18
PR0_PRU1_GPIO18_CFG_REG
0x5310 01E0
0x0000 05F7
PR0_PRU1_GPIO18
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART3_TXD
2
O
PR0_IEP0_EDIO_DATA_IN_OUT31
3
IO
TRC_CTL
4
O
XBAROUT14
5
O
GPIO120
7
IO
EQEP1_B
9
I
D15
D15
PR0_PRU1_GPIO19
PR0_PRU1_GPIO19_CFG_REG
0x5310 01DC
0x0000 05F7
PR0_PRU1_GPIO19
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART3_RXD
2
I
PR0_IEP0_EDC_SYNC_OUT0
3
O
TRC_CLK
4
O
XBAROUT13
5
O
GPIO119
7
IO
EQEP1_A
9
I
R17
RGMII1_RXC
RGMII1_RXC_CFG_REG
0x5310 0074
0x0000 05F7
RGMII1_RXC
0
I
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
RMII1_REF_CLK
1
IO
MII1_RXCLK
2
I
FSITX0_CLK
6
O
GPIO29
7
IO
EQEP2_A
8
I
EPWM14_A
10
O
R18
RGMII1_RX_CTL
RGMII1_RX_CTL_CFG_REG
0x5310 0078
0x0000 05F7
RGMII1_RX_CTL
0
I
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
RMII1_RX_ER
1
I
MII1_RXDV
2
I
FSITX0_DATA0
6
O
GPIO30
7
IO
EQEP2_B
8
I
N18
RGMII1_TXC
RGMII1_TXC_CFG_REG
0x5310 008C
0x0000 05F7
RGMII1_TXC
0
O
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
MII1_TXCLK
2
I
FSITX1_CLK
6
O
GPIO35
7
IO
EPWM14_B
10
O
TI Information - Selective Disclosure
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
www.ti.com
34
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com