Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P4 Datasheet(PDF) 40 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263P4 Datasheet(HTML) 40 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 36Page - Texas Instruments AM263P4 Datasheet HTML 37Page - Texas Instruments AM263P4 Datasheet HTML 38Page - Texas Instruments AM263P4 Datasheet HTML 39Page - Texas Instruments AM263P4 Datasheet HTML 40Page - Texas Instruments AM263P4 Datasheet HTML 41Page - Texas Instruments AM263P4 Datasheet HTML 42Page - Texas Instruments AM263P4 Datasheet HTML 43Page - Texas Instruments AM263P4 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 154 page
background image
Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S Packages) (continued)
ZCZ_C
BALL
NUMBER
[1]
ZCZ_S
BALL
NUMBER
[1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
A6
A6
UART0_TXD
UART0_TXD_CFG_REG
0x5310 0070
0x0000 05F7
UART0_TXD
0
O
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
LIN0_TXD
1
IO
GPIO28
7
IO
L3
L3
UART1_RXD
UART1_RXD_CFG_REG
0x5310 012C
0x0000 05F7
UART1_RXD
0
I
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
LIN1_RXD
1
IO
OSPI0_LBCLKO
2
O
EPWM16_A
5
O
GPIO75
7
IO
EPWM16_A
10
O
EPWM10_A
11
O
M3
M3
UART1_TXD
UART1_TXD_CFG_REG
0x5310 0130
0x0000 05F7
UART1_TXD
0
O
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
LIN1_TXD
1
IO
OSPI0_DQS
2
I
EPWM16_B
5
O
GPIO76
7
IO
EPWM16_B
10
O
E11, E9,
F11, F9,
G13,
G14, G5,
G6, K13,
K14, K5,
K6, N13,
N14, N5,
N6, R9
E11, E9,
F11, F9,
G13,
G14, G5,
G6, K13,
K14, K5,
K6, N13,
N14, N5,
N6, R9
VDD
VDD
PWR
1.2V
R11, R8
R11, R8
VDDA18
VDDA18
PWR
1.8V
R6
R6
VDDA18_LDO
VDDA18_LDO
PWR
1.8V
R4
R4
VDDA18_OSC_PLL
VDDA18_OSC_PLL
PWR
1.8V
P11, P7,
P9
P11, P7,
P9
VDDA33
VDDA33
PWR
3.3V
J15
J15
VDDAR1
VDDAR1
PWR
1.2V
D10
D10
VDDAR2
VDDAR2
PWR
1.2V
H3
H3
VDDAR3
VDDAR3
PWR
1.2V
D6, E15,
L4, N15
D6, E15,
L4, N15
VDDS18
VDDS18
PWR
1.8V
T3
T3
VDDS18_LDO
VDDS18_LDO
PWR
1.8V
D12, D8,
H15, H4,
L15, P4,
R15
D12, D8,
H15, H4,
L15, P4,
R15
VDDS33
VDDS33
PWR
3.3V
N3
N3
VPP
VPP
PWR
VPP
TI Information - Selective Disclosure
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
www.ti.com
40
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com