Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P4 Datasheet(PDF) 39 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263P4 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 35Page - Texas Instruments AM263P4 Datasheet HTML 36Page - Texas Instruments AM263P4 Datasheet HTML 37Page - Texas Instruments AM263P4 Datasheet HTML 38Page - Texas Instruments AM263P4 Datasheet HTML 39Page - Texas Instruments AM263P4 Datasheet HTML 40Page - Texas Instruments AM263P4 Datasheet HTML 41Page - Texas Instruments AM263P4 Datasheet HTML 42Page - Texas Instruments AM263P4 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 154 page
background image
Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S Packages) (continued)
ZCZ_C
BALL
NUMBER
[1]
ZCZ_S
BALL
NUMBER
[1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
D9
D9
SPI1_D1
SPI1_D1_CFG_REG
0x5310 0048
0x0000 05F7
SPI1_D1
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART5_RXD
1
I
XBAROUT4
5
O
FSIRX0_DATA1
6
I
GPIO18
7
IO
ADC_EXTCH_XBAROUT7
9
O
B3
B3
TCK
TCK_CFG_REG
0x5310 0240
0x210
TCK
0
I
On / NA / Up
On / NA / Up
0
3.3 V
VDDSHV0
Yes
HIGH HYST
C5
C5
TDI
TDI_CFG_REG
0x5310 0234
0x6D0
TDI
0
I
On / Off / Up
On / Off / Up
0
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
C4
C4
TDO
TDO_CFG_REG
0x5310 0238
0x630
TDO
0
O
Off / Off / Up
Off / NA / Up
0
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
D5
D5
TMS
TMS_CFG_REG
0x5310 023C
0x610
TMS
0
IO
On / Off / Up
On / NA / Up
0
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
B7
B7
UART0_CTSn
UART0_CTSn_CFG_REG
0x5310 0068
0x0000 05F7
UART0_CTSn
0
I
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
I2C2_SDA
1
IO
SPI3_D1
2
IO
MCAN3_RX
3
I
SPI0_CS1
4
IO
XBAROUT10
5
O
GPIO26
7
IO
C7
C7
UART0_RTSn
UART0_RTSn_CFG_REG
0x5310 0064
0x0000 05F7
UART0_RTSn
0
O
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
I2C2_SCL
1
IO
SPI3_D0
2
IO
MCAN3_TX
3
O
XBAROUT9
5
O
GPIO25
7
IO
A7
A7
UART0_RXD
UART0_RXD_CFG_REG
0x5310 006C
0x0000 05F7
UART0_RXD
0
I
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
LIN0_RXD
1
IO
GPIO27
7
IO
TI Information - Selective Disclosure
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com