Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P4 Datasheet(PDF) 67 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263P4 Datasheet(HTML) 67 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 63Page - Texas Instruments AM263P4 Datasheet HTML 64Page - Texas Instruments AM263P4 Datasheet HTML 65Page - Texas Instruments AM263P4 Datasheet HTML 66Page - Texas Instruments AM263P4 Datasheet HTML 67Page - Texas Instruments AM263P4 Datasheet HTML 68Page - Texas Instruments AM263P4 Datasheet HTML 69Page - Texas Instruments AM263P4 Datasheet HTML 70Page - Texas Instruments AM263P4 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 154 page
background image
Table 5-115. Output XBAR Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
XBAROUT11
O
OUTPUTXBAR Signal 11
D16
D16
XBAROUT12
O
OUTPUTXBAR Signal 12
C17
C17
XBAROUT13
O
OUTPUTXBAR Signal 13
D15
D15
XBAROUT14
O
OUTPUTXBAR Signal 14
C15
C15
XBAROUT15
O
OUTPUTXBAR Signal 15
P2
P2
Table 5-116. External ADC Channel Select XBAR Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ADC_EXTCH_XBAROUT0
O
External ADC Channel Select XBAR Signal 0
C11, C13
C11, C13
ADC_EXTCH_XBAROUT1
O
External ADC Channel Select XBAR Signal 1
A11, C14
A11, C14
ADC_EXTCH_XBAROUT2
O
External ADC Channel Select XBAR Signal 2
C10, C12
C10, C12
ADC_EXTCH_XBAROUT3
O
External ADC Channel Select XBAR Signal 3
B11, D11
B11, D11
ADC_EXTCH_XBAROUT4
O
External ADC Channel Select XBAR Signal 4
C9, P15
C9
ADC_EXTCH_XBAROUT5
O
External ADC Channel Select XBAR Signal 5
A10, R16
A10
ADC_EXTCH_XBAROUT6
O
External ADC Channel Select XBAR Signal 6
B10, F15
B10, F15
ADC_EXTCH_XBAROUT7
O
External ADC Channel Select XBAR Signal 7
C18, D9
C18, D9
ADC_EXTCH_XBAROUT8
O
External ADC Channel Select XBAR Signal 8
B15
B15
ADC_EXTCH_XBAROUT9
O
External ADC Channel Select XBAR Signal 9
A15
A15
Pin Connectivity Requirements
Ball Number
Ball Name
Pin Connectivity Requirements
D4
SAFETY_ERRORn
This pin must be connected to ground (VSS) through a separate external pull
resistor to ensure it is held to a valid logic low level if a PCB signal trace
is connected and not actively driven by an attached device. The internal pull–
down may be used to hold a valid logic low level if no PCB signal trace is
connected to the ball.
J16
RSVD_J16
This pin must be connected to 1.2 V supply (VDD).
T4
U1
RSVD_T4
RSVD_U1
Each of these pins must be connected (shorted) directly to ground (VSS)
U3
V2
RSVD_U3
RSVD_V2
Each of these pins must be left unconnected.
P15(1)
RSVD_P15(1)
This pin must be left unconnected
B3
C5
D5
TCK
TDI
TMS
Each of these pins must be connected to the corresponding power supply
through separate external pull resistors to ensure these balls are held to
a valid logic high level if a PCB signal trace is connected and not actively
driven by an attached device. The internal pull–up may be used to hold a
valid logic high level if no PCB signal trace is connected to the ball.
A13
B13
I2C0_SCL
I2C0_SDA
Each of these pins must be connected to the corresponding power supply(1)
through separate external pull resistors to ensure these balls are held to a
valid logic high level.
N1
N4
A11
C10
QSPI0_D0 (SOP0)
QSPI0_D1 (SOP1)
SPI0_CLK (SOP2)
SPI0_D0 (SOP3)
Each of these pins must be connected to the corresponding power supply(1)
or ground (VSS) through separate external pull resistors to ensure these
balls are held to a valid logic high or low level as appropriate to select the
desired device boot mode.
U16
T15
ADC_CAL0
ADC_CAL1
If all ADCx_AINy inputs for all ADC instances (ADC[0:4]_AIN[0:5]) are not
used, the ADC_CAL[0:1] analog pins must be connected (shorted) directly to
ground (VSS).
U2
VSYS_MON
If VSYS_MON is not used, this pin may be connected (shorted) directly to
ground (VSS).
ADC ZCZ PIN
ADC[0:4]_AIN[0:5]
Any unused ADCx_AINy input pin for any ADC instance (ADC[0:4]_AIN[0:5])
must be connected (shorted) directly to ground (VSS).
TI Information - Selective Disclosure
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com