Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P4 Datasheet(PDF) 27 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263P4 Datasheet(HTML) 27 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 23Page - Texas Instruments AM263P4 Datasheet HTML 24Page - Texas Instruments AM263P4 Datasheet HTML 25Page - Texas Instruments AM263P4 Datasheet HTML 26Page - Texas Instruments AM263P4 Datasheet HTML 27Page - Texas Instruments AM263P4 Datasheet HTML 28Page - Texas Instruments AM263P4 Datasheet HTML 29Page - Texas Instruments AM263P4 Datasheet HTML 30Page - Texas Instruments AM263P4 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 154 page
background image
Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S Packages) (continued)
ZCZ_C
BALL
NUMBER
[1]
ZCZ_S
BALL
NUMBER
[1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
LB
LB
OSPI0_CLKLB
OSPI0_CLKLB_CFG_REG
0x5310 0244
0x5F0
OSPI0_CLKLB
0
IO
Off / Off / Off
Off / Off / Off
0
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
P1
P1
OSPI0_CSn0
OSPI0_CSn0_CFG_REG
0x5310 0000
0x0000 05F7
OSPI0_CSn0
0
O
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
OSPI0_D0
6
IO
GPIO0
7
IO
R3
R3
OSPI0_CSn1
OSPI0_CSn1_CFG_REG
0x5310 0004
0x0000 05F7
OSPI0_CSn1
0
O
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
MCAN5_TX
2
O
SPI4_CS1
4
IO
XBAROUT0
5
O
UART2_RTSn
6
O
GPIO1
7
IO
FSIRX2_DATA1
8
I
EPWM10_B
10
O
N1
N1
OSPI0_D0
OSPI0_D0_CFG_REG
0x5310 000C
0x0000 05D7
OSPI0_D0
0
IO
On / Off / Off
On / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
MCAN7_TX
2
O
SPI7_CLK
4
IO
UART1_DCDn
6
I
GPIO3
7
IO
EPWM12_B
10
O
SOP0
Bootstrap
I
N4
N4
OSPI0_D1
OSPI0_D1_CFG_REG
0x5310 0010
0x0000 05D7
OSPI0_D1
0
IO
On / Off / Off
On / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI7_D0
4
IO
UART1_RIn
6
I
GPIO4
7
IO
EPWM13_A
10
O
SOP1
Bootstrap
I
M4
M4
OSPI0_D2
OSPI0_D2_CFG_REG
0x5310 0014
0x0000 05F7
OSPI0_D2
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
OSPI0_D6
6
IO
GPIO5
7
IO
P3
P3
OSPI0_D3
OSPI0_D3_CFG_REG
0x5310 0018
0x0000 05F7
OSPI0_D3
0
IO
Off / Off / Off
Off / Off / Off
7
3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
OSPI0_D4
6
IO
GPIO6
7
IO
R2
R2
PORz
PORz
I
3.3 V
VDDSHV0
Yes
RESET
TI Information - Selective Disclosure
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com