Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P4 Datasheet(PDF) 4 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263P4 Datasheet(HTML) 4 Page - Texas Instruments

  AM263P4 Datasheet HTML 1Page - Texas Instruments AM263P4 Datasheet HTML 2Page - Texas Instruments AM263P4 Datasheet HTML 3Page - Texas Instruments AM263P4 Datasheet HTML 4Page - Texas Instruments AM263P4 Datasheet HTML 5Page - Texas Instruments AM263P4 Datasheet HTML 6Page - Texas Instruments AM263P4 Datasheet HTML 7Page - Texas Instruments AM263P4 Datasheet HTML 8Page - Texas Instruments AM263P4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 154 page
background image
3 Description
The AM263Px Sitara™ Arm® Microcontrollers are built to meet the complex real-time processing needs of
next generation industrial and automotive embedded products. The AM263Px MCU family consists of multiple
pin-to-pin compatible devices with up to four 400 MHz Arm® Cortex®-R5F cores. As an option, the Arm®
R5F subsystem can be programmed to run in lockstep or dual-core mode for a multiple functional safety
configurations. The industrial communications subsystem (PRU-ICSS) enables integrated industrial Ethernet
communication protocols such as PROFINET®, TSN, Ethernet/IP®, EtherCAT® (among many others), standard
Ethernet connectivity, and even custom I/O interfaces. The family is designed for the future of motor control and
digital power applications with advanced analog sensing and digital actuation modules.
The multiple R5F cores are arranged in cluster subsystems with 256KB of shared tightly coupled memory (TCM)
along with 3MB of shared SRAM, greatly reducing the need for external memory. Extensive ECC is included
for on-chip memories, peripherals, and interconnects for enhanced reliability. Granular firewalls managed by the
Hardware Security Manager (HSM) enable developers to implement stringent security-minded system design
requirements. Cryptographic acceleration and secure boot are also available on AM263Px devices.
TI provides a complete set of microcontroller software and development tools for the AM263Px family of
microcontrollers.
Package Information
PART NUMBER(1) (2)
PACKAGE
PACKAGE SIZE(3)
AM263P4...ZCZ
ZCZ (nFBGA, 324)
15.0 mm × 15.0 mm
AM263P2...ZCZ
ZCZ (nFBGA, 324)
15.0 mm × 15.0 mm
AM263P1...ZCZ
ZCZ (nFBGA, 324)
15.0 mm × 15.0 mm
AM263P4...ZCZQ1
ZCZQ1 (nFBGA, 324)
15.0 mm × 15.0 mm
AM263P2...ZCZQ1
ZCZQ1 (nFBGA, 324)
15.0 mm × 15.0 mm
AM263P1...ZCZQ1
ZCZQ1 (nFBGA, 324)
15.0 mm × 15.0 mm
(1)
For more information, see Section 11.
(2)
All devices are available in both tray or tape and reel packaging.
(3)
The package size (length x width) is a nominal value and includes pins, where applicable.
TI Information - Selective Disclosure
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com