Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P4 Datasheet(PDF) 65 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263P4 Datasheet(HTML) 65 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 61Page - Texas Instruments AM263P4 Datasheet HTML 62Page - Texas Instruments AM263P4 Datasheet HTML 63Page - Texas Instruments AM263P4 Datasheet HTML 64Page - Texas Instruments AM263P4 Datasheet HTML 65Page - Texas Instruments AM263P4 Datasheet HTML 66Page - Texas Instruments AM263P4 Datasheet HTML 67Page - Texas Instruments AM263P4 Datasheet HTML 68Page - Texas Instruments AM263P4 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 154 page
background image
Table 5-104. Trace Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
TRC_DATA14
O
Trace Data 14
D16
D16
TRC_DATA15
O
Trace Data 15
C17
C17
Table 5-105. JTAG Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
TCK
I
JTAG Test Clock Input
B3
B3
TDI
I
JTAG Test Data Input
C5
C5
TDO
O
JTAG Test Data Output
C4
C4
TMS
IO
JTAG Test Mode Select Input
D5
D5
5.3.21.4 SYSTEM
Table 5-106. System Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
PORz
I
Device Power-On (PORz) cold reset
R2
R2
SAFETY_ERRORn
IO
ESM Safety Error Signal
D4
D4
WARMRSTn
IO
Warm Reset Request (Input) / Warm Reset Status (Output)
C3
C3
5.3.21.5 VMON
Table 5-107. VMON Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
VSYS_MON (1)
A
External Voltage Monitor with 0.9 V (+/-3%) setpoint.
U2
U2
(1)
See the Electrical Specifications - Safety Comparators section for additional details on this pin.
5.3.21.6 Reserved
Table 5-108. Reserved Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
RSVD_J16
RSVD
Reserved (RSVD_J16). This pin must be connected to 1.2 V
supply (VDD).
J16
J16
RSVD_P15
RSVD
Reserved (RSVD_P15). This pin must be left unconnected.
P15
RSVD_T4
RSVD
Reserved (RSVD_T4). This pin must be connected to ground
(VSS).
T4
T4
RSVD_U1
RSVD
Reserved (RSVD_U1). This pin must be connected to ground
(VSS).
U1
U1
RSVD_U3
RSVD
Reserved (RSVD_U3). This pin must be left unconnected.
U3
U3
RSVD_V2
RSVD
Reserved (RSVD_V2). This pin must be left unconnected.
V2
V2
5.3.22 UART
Table 5-109. UART0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
UART0_CTSn
I
UART Clear to Send (active low)
A5, B7
A5, B7
UART0_RTSn
O
UART Request to Send (active low)
C6, C7
C6, C7
UART0_RXD
I
UART Receive Data
A7, B6
A7, B6
UART0_TXD
O
UART Transmit Data
A4, A6
A4, A6
Table 5-110. UART1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
UART1_CTSn
I
UART Clear to Send (active low)
G4
G4
UART1_DCDn
I
UART Data Carrier Detect (Active Low)
J4, N1
J4, N1
UART1_DSRn
I
UART Data Set Ready (Active Low)
V17
TI Information - Selective Disclosure
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com